Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP14UK4GTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EP14UK4GTR
Description  2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP14UK4GTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EP14UK4GTR Datasheet HTML 1Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP14UK4GTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY100EP14U
Micrel, Inc.
M9999-060910
hbwhelp@micrel.com or (408) 955-1690
The SY100EP14U is a high-speed, 2GHz differential
PECL/ECL 1:5 fanout buffer optimized for ultra-low skew
applications. Within device skew is guaranteed to be less
than 25ps over temperature and supply voltage. The wide
supply voltage operation allows this fanout buffer to operate
in 2.5V, 3.3V, and 5V systems. A VBB reference is included
for single-supply or AC-coupled PECL/ECL input
applications, thus eliminating resistor networks. When
interfacing to a single-ended or AC-coupled PECL/ECL input
signal, connect the VBB pin to the unused /CLK pin, and
bypass the pin to VCC through a 0.01µF capacitor.
The SY100EP14U features a 2:1 input MUX, making it
an ideal solution for redundant clock switchover applications.
If only one input pair is used, the other pair may be left
floating. In addition, this device includes a synchronous
enable pin that forces the outputs into a fixed logic state.
Enable or disable state is initiated only after the outputs are
in a LOW state, thus eliminating the possibility of a “runt”
clock pulse.
The SY100EP14U I/O are fully differential and 100K ECL
compatible. Differential 10K ECL logic can interface directly
into the SY100EP14U inputs.
The SY100EP14U is part of Micrel’s high-speed clock
synchronization family. For applications that require a
different I/O combination, consult the Micrel website at
www.micrel.com, and choose from a comprehensive product
line of high-speed, low-skew fanout buffers, translators, and
clock generators.
FEATURES
DESCRIPTION
Rev.: G
Amendment: /0
Issue Date: May 2010
Guaranteed AC parameters over temp/voltage:
• > 2GHz fMAX
• < 25ps within-device skew
• < 275ps tr/tf time
• < 525ps prop delay
2:1 Differential MUX input
Flexible supply voltage: 2.5V/3.3V/5V
Wide operating temperature range: –40°C to +85°C
VBB reference for single-ended or AC-coupled
PECL inputs
100K ECL compatible outputs
Inputs accept PECL/LVPECL/ECL/HSTL logic
75kΩΩΩΩΩ internal input pull-down resistors
Available in a 20-Pin TSSOP package
2.5V/3.3V/5V 1:5 LVPECL/PECL/
ECL/HSTL 2GHz CLOCK DRIVER
WITH 2:1 DIFFERENTIAL INPUT MUX
ECL Pro™
Precision Edge®
SY100EP14U
ECL Pro is a trademarks of Micrel, Inc.
Precision Edge is a registered trademarks of Micrel, Inc.


Similar Part No. - SY100EP14UK4GTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14UK4C MICREL-SY100EP14UK4C Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4CTR MICREL-SY100EP14UK4CTR Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4I MICREL-SY100EP14UK4I Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4ITR MICREL-SY100EP14UK4ITR Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
More results

Similar Description - SY100EP14UK4GTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14U MICREL-SY100EP14U Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com