Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADXRS453Z-S Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADXRS453Z-S
Description  High Performance , Digital Output Gyroscope
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADXRS453Z-S Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADXRS453Z-S Datasheet HTML 6Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 7Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 8Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 9Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 10Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 11Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 12Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 13Page - Analog Devices EVAL-ADXRS453Z-S Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADXRS453
Rev. 0 | Page 10 of 32
MECHANICAL PERFORMANCE
The ADXRS453 has excellent shock and vibration rejection.
Figure 20 shows the output noise response of the ADXRS453 in
a vibration free environment. Figure 21 shows the response of
the same device to 15 g rms random vibration (50 Hz to 5 kHz).
As shown in Figure 21, no frequencies are particularly sensitive
to vibration. Response to vibration in all axes is similar.
Shock response is also excellent, as shown in Figure 22 and
Figure 23. Figure 22 shows a 99 g input stimulus applied to
each axis, and Figure 23 shows the typical response to this
shock in each axis. Shock response of 0.01°/sec/g is apparent.
0.1
0.01
0.001
0.0001
550
FREQUENCY (Hz)
500
Figure 20. ADXRS453 Output Noise Response with No Vibration Applied
0.1
0.01
0.001
0.0001
550
FREQUENCY (Hz)
500
Figure 21. ADXRS453 Output Noise Response with 15 g RMS Random
Vibration (50 Hz to 5 kHz) Applied
40
20
–60
–80
–100
0
–20
–40
–120
00.10
0.05
0.15
0.20
TIME (Seconds)
Figure 22. 99 g Shock Input
10
8
2
–2
–4
–6
–8
0
6
4
–10
00.10
0.05
0.15
0.20
TIME (Seconds)
Figure 23. Typical Output Response Due to 99 g Shock (see Figure 22)


Similar Part No. - EVAL-ADXRS453Z-S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADXRS450Z AD-EVAL-ADXRS450Z Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
EVAL-ADXRS450Z-M AD-EVAL-ADXRS450Z-M Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
EVAL-ADXRS450Z-S AD-EVAL-ADXRS450Z-S Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
More results

Similar Description - EVAL-ADXRS453Z-S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS450 AD-ADXRS450 Datasheet
513Kb / 28P
   HIgh Performance, Digital Output Gyroscope
Rev. PrA
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com