Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S834LZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S834LZCTR
Description  (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S834LZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S834LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S834LZCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Precision Edge®
SY100S834
SY100S834L
Micrel, Inc.
M9999-111009
hbwhelp@micrel.com or (408) 955-1690
The SY100S834/L is low skew (÷1, ÷2, ÷4) or (÷2,
÷4, ÷8) clock generation chip designed explicitly for low
skew clock generation applications. The internal dividers
are synchronous to each other, therefore, the common
output edges are all precisely aligned. The devices can
be driven by either a differential or single-ended ECL or,
if positive power supplies are used, PECL input signal.
In addition, by using the VBB output, a sinusoidal source
can be AC-coupled into the device. If a single-ended
input is to be used, the VBB output should be connected
to the CLK input and bypassed to ground via a 0.01µF
capacitor. The VBB output is designed to act as the
switching reference for the input of the SY100S834/L
under single-ended input conditions. As a result, this pin
can only source/sink up to 0.5mA of current.
The Function Select (FSEL) input is used to determine
what clock generation chip function is. When FSEL input
is LOW, SY100S834/L functions as a divide by 2, by 4
and by 8 clock generation chip. However, if FSEL input
is HIGH, it functions as a divide by 1, by 2 and by 4
clock generation chip. This latter feature will increase
the clock frequency by two folds.
The common enable (EN) is synchronous so that the
internal dividers will only be enabled/disabled when the
internal clock is already in the LOW state. This avoids
any chance of generating a runt clock pulse on the
internal clock when the device is enabled/disabled as
can happen with an asynchronous control. An internal
runt pulse could lead to losing synchronization between
the internal divider stages. The internal enable flip-flop is
clocked on the falling edge of the input clock, therefore,
all associated specification limits are referenced to the
negative edge of the clock input.
Upon start-up, the internal flip-flops will attain a random
state; the master reset (MR) input allows for the
synchronization of the internal dividers, as well as for
multiple SY100S834/Ls in a system.
DESCRIPTION
■ 3.3V (SY100S834L) and 5V (SY100S834) power
supply options
■ 50ps output-to-output skew
■ Synchronous enable/disable
■ Master Reset for synchronization
■ Internal 75Kinput pull-down resistors
■ Available in 16-pin SOIC package
FEATURES
Rev.: I
Amendment: /0
Issue Date: November 2009
(
÷1, ÷2, ÷4) OR (÷2, ÷4, ÷8)
CLOCK GENERATION CHIP
Precision Edge®
SY100S834
SY100S834L
Pin
Function
CLK
Differential Clock Inputs
FSEL
Function Select
EN
Synchronous Enable
MR
Master Reset
VBB
Reference Output
Q0
Differential ÷1 or ÷2 Outputs
Q1
Differential ÷2 or ÷4 Outputs
Q2
Differential ÷4 or ÷8 Outputs
PIN NAMES
CLK
EN
MR
Function
ZL
L
Divide
ZZ
H
L
Hold Q0–2
XX
H
Reset Q0–2
Notes:
Z = LOW-to-HIGH transition
ZZ = HIGH-to-LOW transition
TRUTH TABLE
FSEL
Q0 Outputs
Q1 Outputs
Q2 Outputs
L
Divide by 2
Divide by 4
Divide by 8
H
Divide by 1
Divide by 2
Divide by 4
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100S834LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S834LZCTR MICREL-SY100S834LZCTR Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834LZCTR MICREL-SY100S834LZCTR Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834LZCTR MICREL-SY100S834LZCTR Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results

Similar Description - SY100S834LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com