Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55854U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY55854U
Description  2 x 2 Protection Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55854U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY55854U_10 Datasheet HTML 1Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 2Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 3Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 4Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 5Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 6Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 7Page - Micrel Semiconductor SY55854U_10 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SY55854U
2 x 2 Protection Crosspoint Switch
SuperLite is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2010
M9999-011210-G
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY55854U is a fully differential, CML, 2 x 2-crosspoint
switch. The non-blocking design allows any input to be
connected to any output. Varying the state of the select
inputs allows SY55854U to be used in backup, fault
tolerant,
protection,
and
backplane
distribution
applications.
SY55854U inputs can be terminated with a single resistor
between the true and the complement pins of a given
input.
The SY55854U is a member of Micrel’s new SuperLite
®
family of high-speed logic devices. This family features
very small packaging, high signal integrity, and flexible
supply voltage operation.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
SuperLite
®
Features
• Guaranteed fMAX >2.5GHz over temperature
• 2.3V to 5.7V power supply
• Non-blocking “switch architecture”
• Guaranteed <15ps channel-to-channel skew
• Guaranteed <480ps propagation delay over temperature
• Configurable as 2:1 mux, 1:2 fan-out buffer, dual buffer,
or 2 x 2 switch
• Accepts CML, PECL, LVPECL inputs
• Fully differential inputs/outputs
• Source terminated CML outputs for fast edge rates
• Wide operating temperature range: –40°C to +85°C
• Available in a tiny 16-pin EPAD-QSOP package
Applications
• High-speed logic
• Data communications systems
• Wireless communications systems
• Telecom systems
• Backplane redundancy


Similar Part No. - SY55854U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results

Similar Description - SY55854U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
TS3A26746E TI1-TS3A26746E Datasheet
994Kb / 12P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
MAY2011
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com