Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55859L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY55859L
Description  3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55859L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY55859L_10 Datasheet HTML 1Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 2Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 3Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 4Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 5Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 6Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 7Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 8Page - Micrel Semiconductor SY55859L_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
SY55859L
January 2010
2
M9999-012110-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY55859LMI
H32-1
Industrial
SY55859LMI
Sn-Pb
SY55859LMITR
(2)
H32-1
Industrial
SY55859LMI
Sn-Pb
SY55859LMG
(3)
H32-1
Industrial
SY55859LMG with Pb-Free
bar-line indicator
Pb-Free
NiPdAu
SY55859LMGTR
(2,3)
H32-1
Industrial
SY55859LMG with Pb-Free
bar-line indicator
Pb-Free
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.
Cross Reference Table
Micrel Semiconductor
Maxim
SY55859LMI
MAX3840EGJ
Pin Configuration
32-Pin EPAD-QFN


Similar Part No. - SY55859L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859LMG MICREL-SY55859LMG Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
SY55859LMGTR MICREL-SY55859LMGTR Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
SY55859LMI MICREL-SY55859LMI Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
SY55859LMITR MICREL-SY55859LMITR Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
More results

Similar Description - SY55859L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
logo
Texas Instruments
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com