Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY56020RMG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY56020RMG
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56020RMG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY56020RMG Datasheet HTML 1Page - Micrel Semiconductor SY56020RMG Datasheet HTML 2Page - Micrel Semiconductor SY56020RMG Datasheet HTML 3Page - Micrel Semiconductor SY56020RMG Datasheet HTML 4Page - Micrel Semiconductor SY56020RMG Datasheet HTML 5Page - Micrel Semiconductor SY56020RMG Datasheet HTML 6Page - Micrel Semiconductor SY56020RMG Datasheet HTML 7Page - Micrel Semiconductor SY56020RMG Datasheet HTML 8Page - Micrel Semiconductor SY56020RMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY56020R
November 2010
3
M9999-111810-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
2,3
IN, /IN
Differential Input: Signals as small as 200mV VPK (400mVPP) applied to the input of 9, 18 or 27
inches 6mil FR4 stripline transmission line are then terminated with this differential input. Each input
pin internally terminates with 50Ω to the VT pin.
1
VT
Input Termination Center-Tap: Each side of the differential input pair terminates to VT pin. This pin
provides a center-tap to a termination network for maximum interface flexibility. An internal high
impedance resistor divider biases VT to allow input AC-coupling. For AC-coupling, bypass VT with
0.1µF low-ESR capacitor to VCC. See “Interface Applications” subsection and Figure 2a.
4
EQ
Three level input for equalization control. High, float, low.
16
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low-ESR capacitors as close to the VCC pins as
possible. Supplies input and core circuitry.
8,13
VCCO
Output Supply: Bypass with 0.1µF//0.01µF low-ESR capacitors as close to the VCCO pins as
possible. Supplies the output buffers.
5
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same potential as the
ground pins.
15,14
12,11
10,9
7,6
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
CML Differential Output Pairs: Differential buffered copy of the input signal. The output swing is
typically 390mV. See “Interface Applications” subsection for termination information.


Similar Part No. - SY56020RMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56020RMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com