Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY56040AR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY56040AR
Description  Low Voltage 1.2V/1.8V/2.5V CML 4x4 Crosspoint Switch 6.4Gbps, 5GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56040AR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY56040AR Datasheet HTML 2Page - Micrel Semiconductor SY56040AR Datasheet HTML 3Page - Micrel Semiconductor SY56040AR Datasheet HTML 4Page - Micrel Semiconductor SY56040AR Datasheet HTML 5Page - Micrel Semiconductor SY56040AR Datasheet HTML 6Page - Micrel Semiconductor SY56040AR Datasheet HTML 7Page - Micrel Semiconductor SY56040AR Datasheet HTML 8Page - Micrel Semiconductor SY56040AR Datasheet HTML 9Page - Micrel Semiconductor SY56040AR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel, Inc.
SY56040AR
September 2008
6
M9999-093008-A
hbwhelp@micrel.com or (408) 955-1690
CML Outputs DC Electrical Characteristics
(5)
VCCO = 1.14V to 1.26V, RL = 50Ω to VCCO,
VCCO = 1.7V to 1.9V; 2.375V to 2.625V, RL = 50Ω to VCCO or 100Ω across the outputs.
VCC = 2.375V to 2.625V. TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
RL = 50Ω to VCCO
VCCO-0.020
VCCO-0.010
VCCO
V
VOUT
Output Voltage Swing
See Figure 3a
300
390
475
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
600
780
950
mV
ROUT
Output Source Impedance
45
50
55
LVTTL/CMOS DC Electrical Characteristics
(5)
VCC = 2.5V ±5%. TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
-125
30
µA
IIL
Input LOW Current
-300
µA
Note:
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY56040AR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMG MICREL-SY56011RMG Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMGTR MICREL-SY56011RMGTR Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56040AR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56034AR MICREL-SY56034AR_10 Datasheet
441Kb / 13P
   Low Voltage 1.2V/1.8V/2.5V 2:6 MUX with Crosspoint Capability 5GHz/6.4Gbps
SY56034AR MICREL-SY56034AR Datasheet
385Kb / 13P
   Low Voltage 1.2V/1.8V/2.5V 2:6 MUX with Crosspoint Capability 5GHz/6.4Gbps
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com