Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58011UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58011UMGTR
Description  7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58011UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58011UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58011UMGTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SY58011U
Micrel, Inc.
M9999-051408
hbwhelp@micrel.com or (408) 955-1690
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Frequency vs. Amplitude
TYPICAL OPERATING CHARACTERISTICS
VCC = 3.3V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
0
1
2
3
4
5
6
7
8
9
10
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Within-Device Skew vs.
Temperature
150
152
154
156
158
160
162
0
200
400
600
800
1000
INPUT VOLTAGE SWING (V)
Propagation Delay vs.
Input Voltage Swing
125
130
135
140
145
150
155
160
165
170
175
180
185
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Propagation Delay vs.
Temperature
V
IN ≥ 200mV


Similar Part No. - SY58011UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011UMGTR MICREL-SY58011UMGTR Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011UMGTR MICREL-SY58011UMGTR Datasheet
323Kb / 10P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY58011UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_11 Datasheet
323Kb / 10P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com