Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58022UMI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58022UMI
Description  5.5GHz 1:4 FANOUT BUFFER/ translator w/400mV LVPECL OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58022UMI Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY58022UMI Datasheet HTML 1Page - Micrel Semiconductor SY58022UMI Datasheet HTML 2Page - Micrel Semiconductor SY58022UMI Datasheet HTML 3Page - Micrel Semiconductor SY58022UMI Datasheet HTML 4Page - Micrel Semiconductor SY58022UMI Datasheet HTML 5Page - Micrel Semiconductor SY58022UMI Datasheet HTML 6Page - Micrel Semiconductor SY58022UMI Datasheet HTML 7Page - Micrel Semiconductor SY58022UMI Datasheet HTML 8Page - Micrel Semiconductor SY58022UMI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Precision Edge®
SY58022U
Micrel, Inc.
InPUT InTERFACE APPLICATIOnS
LVPECL
IN
/IN
VT
SY58022U
VCC
Rpd
VCC
VREF-AC
NC
0.01µF
For VCC = 2.5V, Rpd =19Ω.
For VCC = 3.3V, Rpd =50Ω.
Figure 3a. DC-Coupled
LVPECL Input Interface
LVPECL
IN
/IN
VT
SY58022U
VCC
VCC
VCC
0.01µF
Rpd
Rpd
VREF-AC
Figure 3b. AC-Coupled
LVPECL Input Interface
LVDS
IN
/IN
VT
NC
SY58022U
VCC
VCC
VREF-AC
NC
Figure 3c. LVDS
Input Interface
CML
IN
/IN
VT
NC
SY58022U
VCC
VCC
VREF-AC
NC
(Option: May connect VT to VCC)
Figure 3d. AC-Coupled
CML Input Interface
INPUT STAGE
50Ω
50Ω
VCC
GND
/IN
VT
IN
Figure 2. Simplified Differential Input buffer
CML
IN
/IN
VT
0.01μF
SY58022U
VCC
VCC
VCC
VREF-AC
Figure 3e. CML
Input Interface


Similar Part No. - SY58022UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58022UMI MICREL-SY58022UMI Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58022UMITR MICREL-SY58022UMITR Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
More results

Similar Description - SY58022UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013U MICREL-SY58013U_11 Datasheet
587Kb / 10P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
SY58022U MICREL-SY58022U Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com