Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58031UMI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58031UMI
Description  ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58031UMI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58031UMI Datasheet HTML 1Page - Micrel Semiconductor SY58031UMI Datasheet HTML 2Page - Micrel Semiconductor SY58031UMI Datasheet HTML 3Page - Micrel Semiconductor SY58031UMI Datasheet HTML 4Page - Micrel Semiconductor SY58031UMI Datasheet HTML 5Page - Micrel Semiconductor SY58031UMI Datasheet HTML 6Page - Micrel Semiconductor SY58031UMI Datasheet HTML 7Page - Micrel Semiconductor SY58031UMI Datasheet HTML 8Page - Micrel Semiconductor SY58031UMI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Precision Edge®
SY58031U
Micrel, Inc
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
SINGLE-ENDEDANDDIFFERENTIALSWINGS
VIN,
VOUT 400mV (Typ.)
Figure1a. Single-EndedVoltageSwing
VDIFF_IN,
VDIFF_OUT 800mV (Typ.)
Figure1b. DifferentialVoltageSwing
TIMING DIAGRAM
/IN
IN
/Q
Q
tpd
tpd
VIN
VOUT


Similar Part No. - SY58031UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58031UMI MICREL-SY58031UMI Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58031UMITR MICREL-SY58031UMITR Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58031UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com