Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58022UMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58022UMG
Description  5.5GHz 1:4 FANOUT BUFFER/ translator w/400mV LVPECL OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58022UMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58022UMG Datasheet HTML 1Page - Micrel Semiconductor SY58022UMG Datasheet HTML 2Page - Micrel Semiconductor SY58022UMG Datasheet HTML 3Page - Micrel Semiconductor SY58022UMG Datasheet HTML 4Page - Micrel Semiconductor SY58022UMG Datasheet HTML 5Page - Micrel Semiconductor SY58022UMG Datasheet HTML 6Page - Micrel Semiconductor SY58022UMG Datasheet HTML 7Page - Micrel Semiconductor SY58022UMG Datasheet HTML 8Page - Micrel Semiconductor SY58022UMG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY58022U
Micrel, Inc.
Ordering Information(1)
Package
Operating
Package
Lead
Part number
Type
Range
Marking
Finish
SY58022UMI
MLF-16
Industrial
022U
Sn-Pb
SY58022UMITR(2)
MLF-16
Industrial
022U
Sn-Pb
SY58022UMG
MLF-16
Industrial
022U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58022UMGTR(2) MLF-16
Industrial
022U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Die are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
PACkAgE/ORDERIng InFORMATIOn
Pin number
Pin name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair receives the signal to be buffered. Each pin is internally
terminatedwith50ΩtotheV
T pin. Note that this input will default to an indeterminate state
if left open. See “Input Interface Applications”section.
2
VT
Input Termination Center-Tap: Each input terminates to this pin. The V
T pin provides a
center-tap for each input (IN, /IN) to the termination network for maximum interface
flexibility.See“InputInterfaceApplications”section.
3
VREF-AC
Reference Output Voltage: This output biases to V
CC –1.2V. It is used when AC-coupling
to differentail inputs. Connect V
REF-AC directly to the VT pin. Bypass with 0.01µF low ESR
capacitor to V
CC. See “Input Interface Applications” section.
8, 13
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to the
pins as possible. A 0.01µF capacitor should be as close to the V
CC pin as possible.
5, 16
GND,
Ground. Exposed pad must be connected to a ground plane that is the same potential
Exposed Pad
as the ground pin.
14, 15
/Q0, Q0,
LVPECL Differential Output Pairs: Differential buffered output copy of the input signal. The
11,12
/Q1,Q1,
outputswingistypically400mV.Properterminationis50ΩtoV
CC–2V at the receiving
9,10
/Q2,Q2,
end.Unusedoutputpairsmaybeleftfloatingwithnoimpactonjitterorskew.
6, 7
/Q3, Q3,
See “LVPECL Output Termination”section.
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
IN
VT
VREF-AC
/IN
Q1
/Q1
Q2
/Q2
16-Pin MLF® (MLF-16)


Similar Part No. - SY58022UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58022UMI MICREL-SY58022UMI Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58022UMITR MICREL-SY58022UMITR Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
More results

Similar Description - SY58022UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013U MICREL-SY58013U_11 Datasheet
587Kb / 10P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
SY58022U MICREL-SY58022U Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com