Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66556B Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC66556B
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66556B Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC66556B Datasheet HTML 5Page - Sanyo Semicon Device LC66556B Datasheet HTML 6Page - Sanyo Semicon Device LC66556B Datasheet HTML 7Page - Sanyo Semicon Device LC66556B Datasheet HTML 8Page - Sanyo Semicon Device LC66556B Datasheet HTML 9Page - Sanyo Semicon Device LC66556B Datasheet HTML 10Page - Sanyo Semicon Device LC66556B Datasheet HTML 11Page - Sanyo Semicon Device LC66556B Datasheet HTML 12Page - Sanyo Semicon Device LC66556B Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
No. 5996-11/13
LC662104A, 662106A, 662108A
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Note
P2, P3 (except for the P33/HOLD pin), P4,
IIH1
P51, and P53: VIN = 13.5 V, with the output
5.0
µA
1
Input high-level current
Nch transistor off
IIH2
P0, P1, P50, P52, OSC1, RES, and P33/HOLD:
1.0
µA
1
VIN = VDD, with the output Nch transistor off
Input low-level current
IIL1
P0, P1, P2, P3, P4, and P5:
–1.0
µA
2
VIN = VSS, with the output Nch transistor off
Output high-level voltage
VOH1
P2, P3 (except for the
IOH = –1 mA
VDD – 1.0
V
3
P33/HOLD pin)
IOH = –0.1 mA
VDD – 0.5
Value of the output pull-up resistor
RPO
P0, P1, P4, P5
30
100
150
k
VOL1
P0, P1, P2, P3, P4, and P5
0.4
V
5
Output low-level voltage
(except for the P33/HOLD pin): IOL = 1.6 mA
VOL2
P0, P1, P2, P3, P4, and P5
1.5
V
(except for the P33/HOLD pin): IOL = 8 mA
IOFF1
P2, P3, P4, P51, and P53: VIN = 13.5 V
5.0
µA
6
Output off leakage current
IOFF2
Does not apply to P2, P3, P4, P51, and P53:
1.0
µA
6
VIN = VDD
[Schmitt characteristics]
Hysteresis voltage
VHYS
0.1 VDD
High-level threshold voltage
VtH
P2, P3, P4, P5, and RES
0.5 VDD
0.8 VDD
V
Low-level threshold voltage
VtL
0.2 VDD
0.5 VDD
V
[Ceramic oscillator]
Oscillator frequency
fCF
OSC1, OSC2: See Figure 2. 4 MHz
4.0
MHz
Oscillator stabilization time
fCFS
See Figure 3. 4 MHz
10.0
ms
[Serial clock]
Cycle time
Input
tCKCY
0.9
µs
Output
2.0
Tcyc
Low-level and high-level
Input
tCKL
0.4
µs
pulse widths
Output
tCKH
1.0
Tcyc
Rise an fall times
Output
tCKR, tCKF
0.1
µs
[Serial input]
Data setup time
tICK
0.3
µs
Data hold time
tCKI
0.3
µs
[Serial output]
SO0: With the timing of Figure 4 and the test
Output delay time
tCKO
load of Figure 5. Stipulated with respect to the
0.3
µs
falling edge (
↓) of SCK0.
[Pulse conditions]
INT0: Figure 6, conditions under which the INT0
INT0 high and low-level
tIOH, tIOL
interrupt can be accepted, conditions under
2
Tcyc
which the timer 0 event counter or pulse width
measurement input can be accepted
High and low-level pulse widths
tIIH, tIIL
INT1, INT2: Figure 6, conditions under which
2
Tcyc
for interrupt inputs other than INT0
the corresponding interrupt can be accepted
RES high and low-level
tRSH, tRSL
RES: Figure 6, conditions under which reset
3
Tcyc
pulse widths
can be applied.
Operating current drain
IDD OP
VDD: 4-MHz ceramic oscillator
4.5
8.0
mA
8
VDD: 4-MHz external clock
4.5
8.0
mA
Halt mode current drain
IDDHALT
VDD: 4-MHz ceramic oscillator
2.5
5.5
mA
VDD: 4-MHz external clock
2.5
5.5
mA
Hold mode current drain
IDDHOLD
VDD: VDD = 1.8 to 5.5 V
0.01
10
µA
SI0: With the timing of Figure 4.
Stipulated with respect to the rising edge (
↑) of
SCK0.
SCK0: With the timing of Figure 4 and the test
load of Figure 5.
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 3.0 to 5.5 V unless otherwise specified.
Note: 1. With the output Nch transistor off in shared I/O ports with the open-drain output specifications. These pins cannot be used as input pins if the
CMOS output specifications are selected.
2. With the output Nch transistor off in shared I/O ports with the open-drain output specifications. The rating for the pull-up output specification pins is
stipulated in terms of the output pull-up current IPO. These pins cannot be used as input pins if the CMOS output specifications are selected.
3. With the output Nch transistor off for CMOS output specification pins.
4. With the output Nch transistor off for pull-up output specification pins.
6. With the output Pch transistor off for open-drain output specification pins.
7. Reset state


Similar Part No. - LC66556B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66556B SANYO-LC66556B Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66556B SANYO-LC66556B Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66556B SANYO-LC66556B Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66556B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com