Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58036UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58036UMGTR
Description  6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58036UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58036UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58036UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Precision Edge®
SY58036U
Micrel, Inc.
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%, RL=50ΩtoVCC–2V; TA= –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
VOUT≥200mV
6
7
GHz
tpd
Differential Propagation Delay
(IN0 or IN1-to-Q)
150
220
300
ps
(SEL-to-Q)
100
220
400
ps
∆tpd Tempco Differential Propagation Delay
65
fs/°C
TemperatureCoefficient
tSKEW
Output-to-Output
Note 8
20
ps
Part-to-Part
Note 9
100
ps
tJITTER
RMS Phase Jitter
Output: 622MHz
Integrated Range: 12kHz - 20MHz
50
fs
Adjacent Channel
Note 10
Crosstalk-Induced Jitter
0.7
psRMS
tr, tf
Output Rise/Fall Time
Full Swing, 20% to 80%
20
40
80
ps
Notes:
7. High frequency AC electricals are guaranteed by design and characterization.
8. Output-to-output skew is measured between outputs under identical transitions.
9. Part-to-partskewisdefinedfortwopartswithidenticalpowersupplyvoltagesatthesametemperatureandwithnoskewoftheedgesattherespec-
tive inputs.
10. Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs.
ACELECTRICALCHARACTERISTICS(7)
PHASENOISE
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
10
100
1K
10K
100K
1M
10M
100M
OFFSETFREQUENCY(Hz)
PhaseNoisePlot:622MHz@3.3V
RMS Phase Jitter (Random)
12kHz to 20MHz: 50fs (Typical)


Similar Part No. - SY58036UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58036UMGTR MICREL-SY58036UMGTR Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results

Similar Description - SY58036UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com