Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58601UMITR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58601UMITR
Description  ULTRA-PRECISION DIFFERENTIAL 800mV LVPECL LINE DRIVER/RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58601UMITR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY58601UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 9Page - Micrel Semiconductor SY58601UMITR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Precision Edge®
SY58601U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
2xGBE Mask 223–1 PRBS
TIME (100ps/div.)
5Gbps Mask 223–1 PRBS
TIME (50ps/div.)
TYPICAL OPERATING CHARACTERISTICS CONT'D
VCC = 3.3V, GND = 0, VIN = 800mV.


Similar Part No. - SY58601UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58601U MICREL-SY58601U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SY58601UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
Elantec Semiconductor
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com