Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58604UMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58604UMG
Description  3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58604UMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58604UMG Datasheet HTML 1Page - Micrel Semiconductor SY58604UMG Datasheet HTML 2Page - Micrel Semiconductor SY58604UMG Datasheet HTML 3Page - Micrel Semiconductor SY58604UMG Datasheet HTML 4Page - Micrel Semiconductor SY58604UMG Datasheet HTML 5Page - Micrel Semiconductor SY58604UMG Datasheet HTML 6Page - Micrel Semiconductor SY58604UMG Datasheet HTML 7Page - Micrel Semiconductor SY58604UMG Datasheet HTML 8Page - Micrel Semiconductor SY58604UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SY58604U
3.2Gbps Precision, LVPECL Buffer with
Internal Termination and Fail Safe Input
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2008
M9999-041508-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY58604U is a 2.5/3.3V, high-speed, fully
differential LVPECL buffer optimized to provide less
than 10pspp total jitter. The SY58604U can process
clock signals as fast as 2.5GHz or data patterns up to
3.2Gbps.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that interfaces to LVPECL,
LVDS or CML differential signals, (AC- or DC-coupled)
as small as 100mV (200mVpp) without any level-shifting
or termination resistor networks in the signal path. For
AC-coupled input interface applications, an integrated
voltage reference (VREF-AC) is provided to bias the VT pin.
The output is 800mV LVPECL, with extremely fast
rise/fall times guaranteed to be less than 110ps.
The SY58604U operates from a 2.5V ±5% supply or
3.3V ±10% supply and is guaranteed over the full
industrial temperature range (–40°C to +85°C). For
applications that require CML or LVDS outputs, consider
the SY58603U and the SY58605U, buffers with 400mV
and 325mV output swings respectively. The SY58604U
is part of Micrel’s high-speed, Precision Edge
® product
line.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
∑ Precision 800mV LVPECL buffer
∑ Guaranteed AC performance over temperature and
voltage:
– DC-to > 3.2Gbps throughput
– <350ps typical propagation delay (IN-to-Q)
– <110ps rise/fall times
∑ Fail Safe Input
– Prevents output from oscillating when input is
invalid
∑ Ultra-low jitter design
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter
– <1psRMS random jitter
– <10psPP deterministic jitter
∑ High-speed LVPECL output
∑ 2.5V ±5% or 3.3V ±10% power supply operation
∑ Industrial temperature range: –40°C to +85°C
∑ Available in 8-pin (2mm x 2mm) DFN package
Applications
∑ All SONET clock and data distribution
∑ Fibre Channel clock and data distribution
∑ Gigabit Ethernet clock and data distribution
∑ Backplane distribution
Markets
∑ Storage
∑ ATE
∑ Test and measurement
∑ Enterprise networking equipment
∑ High-end servers
∑ Access
∑ Metro area network equipment


Similar Part No. - SY58604UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604UMG MICREL-SY58604UMG Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58604UMG MICREL-SY58604UMG Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58604UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com