Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY69753ALHG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY69753ALHG
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY69753ALHG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY69753ALHG Datasheet HTML 1Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 2Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 3Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 4Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 5Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 6Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 7Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 8Page - Micrel Semiconductor SY69753ALHG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SY69753AL
3.3V, 125Mbps, 155Mbps Clock
and Data Recovery
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2007
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY69753AL is a complete Clock Recovery and
Data Retiming integrated circuit for OC-3/STS-3
applications at 155Mbps NRZ. The device is ideally
suited for SONET/SDH/ATM applications and other
high-speed data transmission systems.
Clock recovery and data retiming is performed by
synchronizing the on-chip VCO directly to the incoming
data stream. The VCO center frequency is controlled by
the reference clock frequency and the selected divide
ratio. On-chip clock generation is performed through the
use of a frequency multiplier PLL with a byte rate source
as reference.
The SY69753AL also includes a link fault detection
circuit.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 3.3V power supply
• SONET/SDH/ATM compatible
• Clock and data recovery for 125Mbps/155Mbps NRZ
data stream
• Two on-chip PLLs: one for clock generation and
another for clock recovery
• Selectable reference frequencies
• Differential PECL high-speed serial I/O
• Line receiver input: no external buffering needed
• Link fault indication
• 100k ECL compatible I/O
• Industrial temperature range (–40°C to +85°C)
• Lower power: fully compatible with Micrel’s
SY87701V, but with 30% less power
• Available in 32-pin EPAD-TQFP
Applications
• Ethernet media converter(m)
• SONET/SDH/ATM OC-3
• Proprietary architecture at 120Mbps to 180Mbps


Similar Part No. - SY69753ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753ALHG MICREL-SY69753ALHG Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753ALHGTR MICREL-SY69753ALHGTR Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
More results

Similar Description - SY69753ALHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
   155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com