Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87700VZC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY87700VZC
Description  5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87700VZC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY87700VZC Datasheet HTML 1Page - Micrel Semiconductor SY87700VZC Datasheet HTML 2Page - Micrel Semiconductor SY87700VZC Datasheet HTML 3Page - Micrel Semiconductor SY87700VZC Datasheet HTML 4Page - Micrel Semiconductor SY87700VZC Datasheet HTML 5Page - Micrel Semiconductor SY87700VZC Datasheet HTML 6Page - Micrel Semiconductor SY87700VZC Datasheet HTML 7Page - Micrel Semiconductor SY87700VZC Datasheet HTML 8Page - Micrel Semiconductor SY87700VZC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SY87700V
3
Micrel, Inc.
M9999-073008
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTIONS
INPUTS
RDINP, RDINN [Serial Data Input] Differential PECL.
These built-in line receiver inputs are connected to the
differential receive serial data stream. An internal receive
PLL recovers the embedded clock (RCLK) and data
(RDOUT) information. The incoming data rate can be within
one of five frequency ranges depending on the state of the
FREQSEL pins. See
“Frequency Selection” Table.
REFCLK [Reference Clock] TTL Inputs.
This input is used as the reference for the internal
frequency synthesizer and the “training” frequency for the
receiver PLL to keep it centered in the absence of data
coming in on the RDIN inputs.
CD [Carrier Detect] PECL Input.
This input controls the recovery function of the Receive
PLL and can be driven by the carrier detect output of optical
modules or from external transition detection circuitry. When
this input is HIGH the input data stream (RDIN) is recovered
normally by the Receive PLL. When this input is LOW the
data on the inputs RDIN will be internally forced to a constant
LOW, the data outputs RDOUT will remain LOW, the Link
Fault Indicator output LFIN forced LOW and the clock
recovery PLL forced to look onto the clock frequency
generated from REFCLK.
FREQSEL1, ..., FREQSEL3 [Frequency Select] TTL
Inputs.
These inputs select the output clock frequency range as
shown in the “Frequency Selection” Table.
DIVSEL1, DIVSEL2 [Divider Select] TTL Inputs.
These inputs select the ratio between the output clock
frequency (RCLK/TCLK) and the REFCLK input frequency
as shown in the “Reference Frequency Selection” Table.
CLKSEL [Clock Select] TTL Inputs.
This input is used to select either the recovered clock of
the receiver PLL (CLKSEL = HIGH) or the clock of the
frequency synthesizer (CLKSEL = LOW) to the TCLK
outputs.
OUTPUTS
LFIN [Link Fault Indicator] TTL Output.
This output indicates the status of the input data stream
RDIN. Active HIGH signal is indicating when the internal
clock recovery PLL has locked onto the incoming data
stream. LFIN will go HIGH if CD is HIGH and RDIN is within
the frequency range of the Receive PLL (1000ppm). LFIN
is an asynchronous output.
RDOUTP, RDOUTN [Receive Data Output] Differential
PECL.
These ECL 100K outputs (+3.3V or +5V referenced)
represent the recovered data from the input data stream
(RDIN). This recovered data is specified against the rising
edge of RCLK.
RCLKP, RCLKN [Clock Output] Differential PECL.
These ECL 100K outputs (+3.3V or +5V referenced)
represent the recovered clock used to sample the recovered
data (RDOUT).
TCLKP, TCLKN [Clock Output] Differential PECL.
These ECL 100K outputs (+3.3V or +5V referenced)
represent either the recovered clock (CLKSEL = HIGH) used
to sample the recovered data (RDOUT) or the transmit clock
of the frequency synthesizer (CLKSEL = LOW).
PLLSP, PLLSN [Clock Synthesis PLL Loop Filter]
External loop filter pins for the clock synthesis PLL.
PLLRP, PLLRN [Clock Recovery PLL Loop Filter]
External loop filter pins for the receiver PLL.
POWER & GROUND
VCC
Supply Voltage(1)
VCCA
Analog Supply Voltage(1)
VCCO
Output Supply Voltage(1)
GND
Ground
N/C
No Connect
Note 1.
VCC, VCCA, VCCO must be the same value.


Similar Part No. - SY87700VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700VZC MICREL-SY87700VZC Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700VZC MICREL-SY87700VZC Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700VZCTR MICREL-SY87700VZCTR Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87700VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com