Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87701AL Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87701AL
Description  3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701AL Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87701AL_07 Datasheet HTML 2Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 3Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 4Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 5Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 6Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 7Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 8Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 9Page - Micrel Semiconductor SY87701AL_07 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SY87701AL
6
Micrel, Inc.
M9999-082107
hbwhelp@micrel.com or (408) 955-1690
FREQUENCY SELECTION TABLE
FREQSEL1
FREQSEL2
FREQSEL3
fVCO/fRCLK
fRCLK Data Rates (Mbps)
0
0
0
1
650 - 1300
0
0
1
2
325 - 650
0
1
0
4
163 - 325
0
1
1
6
109 - 216
1
0
0
8
82 - 162
1
0
1
12
55 - 108
1
1
0
16
41 - 81
1
1
1
24
28 - 54
DIVSEL1
DIVSEL2
fRCLK/fREFCLK
00
8
01
10
10
16
11
20
REFERENCE FREQUENCY SELECTION
LOOP FILTER COMPONENTS(1)
R5
C3
PLLSP
PLLSN
Wide Range
R6 = 680
C4 = 1.0
µF (X7R Dielectric)
R6
C4
PLLRP
PLLRN
Note:
1. Suggested Values. Values may vary for different applications.
Wide Range
R5 = 350
C3 = 1.0
µF (X7R Dielectric)


Similar Part No. - SY87701AL_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701ALHG MICREL-SY87701ALHG Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701ALHI MICREL-SY87701ALHI Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701ALZG MICREL-SY87701ALZG Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701ALZI MICREL-SY87701ALZI Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results

Similar Description - SY87701AL_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701AL MICREL-SY87701AL Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com