Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72146M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72146M
Description  PLL Frequency Synthesizer for Electronic Tuning
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72146M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72146M Datasheet HTML 1Page - Sanyo Semicon Device LC72146M Datasheet HTML 2Page - Sanyo Semicon Device LC72146M Datasheet HTML 3Page - Sanyo Semicon Device LC72146M Datasheet HTML 4Page - Sanyo Semicon Device LC72146M Datasheet HTML 5Page - Sanyo Semicon Device LC72146M Datasheet HTML 6Page - Sanyo Semicon Device LC72146M Datasheet HTML 7Page - Sanyo Semicon Device LC72146M Datasheet HTML 8Page - Sanyo Semicon Device LC72146M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25
°C, V
SS = 0 V
Allowable Operating Ranges at Ta = –40 to 85°C, VSS = 0 V
No. 4922-2/21
LC72146, 72146M
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD1
VDD
4.5
5.5
V
VDD2
VDD: Serial data retain voltage
2.0
V
Input high-level voltage
VIH1
CE, CL, DI, I/O-1 to I/O-3
2.2
6.5
V
VIH2
I/O-4, I/O-5, HCTR/I-6 and LCTR/I-7
2.2
VDD
V
Input low-level voltage
VIL1
CE, CL, DI and I/O-1 to I/O-5, HCTR/I-6, LCTR/I-7
0
0.8
V
Input high-leve lvoltage
VIH3
LCTR/I-7, Pulse wave*1
2.2
VDD
V
Input low-level voltage
VIL2
LCTR/I-7, Pulse wave*1
0
0.8
V
Output voltage
VO1
DO
0
6.5
V
VO2
I/O-1 to I/O-3, AOUT, O-7
0
13
V
fIN1
XIN; Sine wave, capacitive coupling
1.0
8.0
MHz
fIN2
FMIN; Sine wave, capacitive coupling
10
160
MHz
Input frequency
fIN3
AMIN; Sine wave, capacitive coupling
0.5
40
MHz
fIN4
HCTR/I-6; Sine wave, capacitive coupling
0.4
25
MHz
fIN5
LCTR/I-7; Sine wave, capacitive coupling
10
500
kHz
fIN6
LCTR/I-7; Pulse wave, DC coupling*1
1.0
20
× 103
Hz
Guaranteed oscillator
Xtal
XIN, XOUT; CI
≤ 120 Ω
4.0
8.0
MHz
element frequencies
VIN1
XIN
200
1500
mVrms
VIN2-1
FMIN; 50
≤ f < 130 MHz*2
40
1500
mVrms
VIN2-2
FMIN; 10
≤ f < 50 MHz*2, 130 ≤ f 160 MHz
70
1500
mVrms
VIN3-1
AMIN; 2
≤ f < 25 MHz*2
40
1500
mVrms
VIN3-2
AMIN; 25
≤ f < 40 MHz*2
70
1500
mVrms
VIN3-3
AMIN; 0.5
≤ f < 2.5 MHz*2
40
1500
mVrms
Input amplitude
VIN3-4
AMIN; 2.5
≤ f < 10 MHz*2
70
1500
mVrms
VIN4-1
HCTR/I-6; 0.4
≤ f < 25 MHz*3
40
1500
mVrms
VIN4-2
HCTR/I-6; 8
≤ f < 12 MHz*4
70
1500
mVrms
VIN5-1
LCTR/I-7; 10
≤ f < 400 kHz*3
40
1500
mVrms
VIN5-2
LCTR/I-7; 400
≤ f < 500 kHz*3
20
1500
mVrms
VIN5-3
LCTR/I-7; 400
≤ f < 500 kHz*4
70
1500
mVrms
Data set up time
tSU
DI, CL*5
0.45
µS
Data hold time
tHD
DI, CL*5
0.45
µS
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1 max
CE, CL, DI
–0.3 to +7.0
V
Maximum input voltage
VIN2 max
XIN, FMIN, AIN, AMIN, HCTR/I-6, LCTR/I-7, I/O-4, I/O-5
–0.3 to VDD + 0.3
V
VIN3 max
I/O-1 to I/O-3
–0.3 to +15
V
VO1 max
DO
–0.3 to +7.0
V
Maximum output voltage
VO2 max
XOUT, I/O-4, I/O-5, O-6, PD0, PF1, AIN
–0.3 to VDD + 0.3
V
VO3 max
I/O-1 to I/O-3, AOUT, O-7
–0.3 to +15
V
IO1 max
I/O-4, I/O-5, O-6, O-7
0 to 3.0
mA
Maximum output current
IO2 max
DO, AOUT
0 to 6.0
mA
IO3 max
I/O-1 to I/O-3
0 to 10
mA
Allowable power dissipation
Pd max
DIP24S:Ta
≤ 85°C
350
mW
MFP24S:Ta
≤ 85°C
220
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Continued on next page.


Similar Part No. - LC72146M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72140M SANYO-LC72140M Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72144M SANYO-LC72144M Datasheet
308Kb / 22P
   PLL Frequency Synthesizer
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
More results

Similar Description - LC72146M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com