Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87701VZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY87701VZC
Description  5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701VZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY87701VZC Datasheet HTML 1Page - Micrel Semiconductor SY87701VZC Datasheet HTML 2Page - Micrel Semiconductor SY87701VZC Datasheet HTML 3Page - Micrel Semiconductor SY87701VZC Datasheet HTML 4Page - Micrel Semiconductor SY87701VZC Datasheet HTML 5Page - Micrel Semiconductor SY87701VZC Datasheet HTML 6Page - Micrel Semiconductor SY87701VZC Datasheet HTML 7Page - Micrel Semiconductor SY87701VZC Datasheet HTML 8Page - Micrel Semiconductor SY87701VZC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SY87701V
1
Micrel, Inc.
M9999-073008
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
s 3.3V and 5V power supply options
s Clock and data recovery from 32Mbps up to
1.25Gbps NRZ data stream, clock generation from
32Mbps to 1.25Gbps
s Complies with Bellcore, ITU/CCITT and ANSI
specifications for applications such as OC-1, OC-3,
OC-12, ATM, FDDI, Fibre Channel and Gigabit
Ethernet, as well as proprietary applications
s Two on-chip PLLs: one for clock generation and
another for clock recovery
s Selectable reference frequencies
s Differential PECL high-speed serial I/O
s Line receiver input: no external buffering needed
s Link fault indication
s 100K ECL compatible I/O
s Available in 32-pin EPAD-TQFP and 28-pin SOIC
packages (28-pin SOIC is available, but not
recommended for new designs, see page 2 for
details
The SY87701V is a complete Clock Recovery and Data
Retiming integrated circuit for data rates from 32Mbps
up to 1.25Gbps NRZ. The device is ideally suited for
SONET/SDH/ATM and Fibre Channel applications and
other high-speed data transmission systems.
Clock recovery and data retiming is performed by
synchronizing the on-chip VCO directly to the incoming
data stream. The VCO center frequency is controlled by
the reference clock frequency and the selected divide
ratio. On-chip clock generation is performed through the
use of a frequency multiplier PLL with a byte rate source
as reference.
The SY87701V also includes a link fault detection
circuit.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
APPLICATIONS
s SONET/SDH/ATM OC-1, OC-3, OC-12, OC-24
s Fibre Channel, Escon, SMPTE 259
s Gigabit Ethernet/Fast Ethernet
s Proprietary architecture up to 1.25Gbps
PHASE
DETECTOR
PHASE/
FREQUENCY
DETECTOR
CHARGE
PUMP
VCO
CHARGE
PUMP
VCO
LINK
FAULT
DETECTOR
DIVIDER
BY 8, 10, 16, 20
REFCLK
CD
RDINN
RDINP
PLLR P/N
CLKSEL
RDOUTP
RCLKP
RCLKN
RDOUTN
LFIN
FREQSEL 1/2/3
PLLS P/N
DIVSEL 1/2
SY87701V
TCLKP
TCLKN
VCC
VCCA
VCCO
GND
1
0
(PECL)
(PECL)
(TTL)
(TTL)
(PECL)
(TTL)
(PECL)
(PECL)
(TTL)
(TTL)
0
1
PHASE/
FREQUENCY
DETECTOR
BLOCK DIAGRAM
Rev.: O
Amendment: /0
Issue Date:
July 2008
AnyRate is a registered trademark of Micrel, Inc.
AnyRate®
SY87701V
5V/3.3V 32-1250Mbps AnyRate®
CLOCK AND DATA RECOVERY
Use lower-power SY87701AL for 3.3V systems


Similar Part No. - SY87701VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701VZC MICREL-SY87701VZC Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701VZC MICREL-SY87701VZC Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VZCTR MICREL-SY87701VZCTR Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87701VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com