Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89112UMI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89112UMI
Description  2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89112UMI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89112UMI Datasheet HTML 1Page - Micrel Semiconductor SY89112UMI Datasheet HTML 2Page - Micrel Semiconductor SY89112UMI Datasheet HTML 3Page - Micrel Semiconductor SY89112UMI Datasheet HTML 4Page - Micrel Semiconductor SY89112UMI Datasheet HTML 5Page - Micrel Semiconductor SY89112UMI Datasheet HTML 6Page - Micrel Semiconductor SY89112UMI Datasheet HTML 7Page - Micrel Semiconductor SY89112UMI Datasheet HTML 8Page - Micrel Semiconductor SY89112UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
SY89112U
July 2010
5
M9999-072809-D
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) .................................... −0.5V to +4.0V
Input Voltage (VIN) .......................................... −0.5V to VCC
LVPECL Output Current (IOUT)
Continuous............................................................50mA
Surge ..................................................................100mA
Termination Current
Source or sink current on VT............................
±100mA
Input Current
Source or sink current on CLK, /CLK .................
±50mA
VREF-AC Current
Source or sink current...........................................
±2mA
Lead Temperature (soldering, 20sec) ......................
+260°C
Storage Temperature (TS) ........................
−65°C to +150°C
Operating Rating(2)
Supply Voltage (VCC)......................... +2.375V to +2.625V
+3.0V to +3.6V
Ambient Temperature (TA)....................... −40°C to +85°C
Package Thermal Resistance(3)
QFN (
θ
JA)
Still-Air......................................................42
°C/W
QFN (
ψ
JB)
Junction-to-Board ....................................20
°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Power Supply
2.375
3.0
2.625
3.6
V
V
ICC
Power Supply Current
No load, max. VCC
95
130
mA
RIN
Input Resistance (IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance (IN-to-/IN)
90
100
110
VIH
Input High Voltage (IN, /IN)
1.2
VCC
V
VIL
Input Low Voltage (IN, /IN)
0
VIH –0.1
V
VIN
Input Voltage Swing (IN, /IN)
See Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
|IN–/IN|
See Figure 1b.
0.2
V
VT_IN
IN-to-VT (IN, /IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC – 1.3
VCC – 1.2
VCC–1.1
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θ
JA and ΨJB values
are determined for a 4-layer board in still-air, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY89112UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89112UMI MICREL-SY89112UMI Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112UMITR MICREL-SY89112UMITR Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89112UMITR MICREL-SY89112UMITR Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89112UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89112U MICREL-SY89112U_14 Datasheet
883Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89112U MICREL-SY89112U_11 Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
   Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89202 RENESAS-8S89202 Datasheet
625Kb / 24P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
2019
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
   Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89113U MICREL-SY89113U_10 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com