Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89251VMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89251VMGTR
Description  Enhanced Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89251VMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89251VMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89251VMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89251VMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89251VMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89251VMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89251VMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89251VMGTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
SY89251V
June 2010
3
M9999-060410-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Power Supply Voltage (VCC)......................... –0.5V to +6.0V
ECL Input Voltage (VIN) ..............................0V to VCC +0.5V
Voltage Applied to Output at HIGH State
(VOUT) ........................................................ –0.5V to VCC
Output Current (IOUT)
Continuous ............................................................50mA
Surge………………………………………………..100mA
Lead Temperature (soldering, 20 sec.) ...................... 260°C
Storage Temperature (TS) ........................–65°C to +150°C
Operating Ratings
(2)
Power Supply Voltage |VCC–VEE|.............3.3V ±10% or 5V ±10%
Ambient Temperature (TA) ..........................–40°C to +85°C
Package Thermal Resistance,(3)
DFN (
θ
JA) Still-Air
........................................................... 93°C/W
DFN (
ψ
JB) ........................................................... 60°C/W
DC Electrical Characteristics
(4)
T
A = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEE
Power Supply
|VCC–VEE|
|VCC–VEE|
3.0
4.5
3.3
5.0
3.6
5.5
V
V
IEE
Power Supply Current
46
mA
IIL
Input Low Current
EN
-150
µA
VBB
Output Reference Voltage
VCC –1.38
VCC –1.32
VCC –1.26
V
DC Electrical Characteristics
(4)
VCC = +3.3V ±10% or +5V ±10% and VEE = 0V; VCC = 0V and VEE = –3.3V ±10% or –5V ±10%; TA = –40°C to +85°C;
unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Note 4
VCC–1.085
VCC–0.880
V
VOL
Output LOW Voltage
Note 4
VCC–1.830
VCC–1.555
V
VIH
Input HIGH Voltage
VCC–1.165
VCC–0.880
V
VIL
Input LOW Voltage
VCC–1.810
VCC–1.475
V
VPP
Minimum Input Swing
150
mV
IIH
Input HIGH Current
D
150
µA
IIL
Input LOW Current
D
0.5
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
4. Output loaded with 50
Ω to V
CC–2V.


Similar Part No. - SY89251VMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89250V MICREL-SY89250V Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY89250VMG MICREL-SY89250VMG Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY89250VMGTR MICREL-SY89250VMGTR Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY89250VMI MICREL-SY89250VMI Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY89250VMITR MICREL-SY89250VMITR Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
More results

Similar Description - SY89251VMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89250V MICREL-SY89250V Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com