Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89429AJZ Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89429AJZ
Description  PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89429AJZ Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89429AJZ Datasheet HTML 1Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 2Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 3Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 4Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 5Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 6Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 7Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 8Page - Micrel Semiconductor SY89429AJZ Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Precision Edge®
SY89429A
Micrel, Inc.
TA = 0°C
TA = +25°C TA = +75°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIH
Input HIGH Current
50
50
50
µA
VIN = 2.7V
IIL
Input LOW Current
–0.6
–0.6
–0.6
mA
VIN = 0.5V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –12mA
VOH
Output HIGH Voltage
2.5
2.5
2.5
V
IOH = –2.0mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 8mA
IOS
Output Short Circuit Current
–80 (Typ.)
–80 (Typ.)
–80 (Typ.)
mA
VOUT = 0V
ICC1
Supply Current
225
225
225
mA
Typical % of ICC1
VCC1
91%
91%
91%
VCC_OUT
4.5%
4.5%
4.5%
VCC_QUIET
2.25%
2.25%
2.25%
VCC_TTL
2.25%
2.25%
2.25%
Symbol
Parameter
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC_OUT –1.075
VCC_OUT –0.830
V
50ý to VCC_OUT –2V
VOL
Output LOW Voltage
VCC_OUT –1.860
VCC_OUT –1.570
V
50ý to VCC_OUT –2V
100H ECL DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC_QUIET = VCC_TTL = +5.0V ±5%; VCC_OUT = +3.3V to +5.0V ±5%; TA = 0°C to +75°C
TTL DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC_QUIET = VCC_TTL = +5.0V ±5%; VCC_OUT = +3.3V to +5.0V ±5%; TA = 0°C to +75°C
TA = 0°C
TA = +25°C
TA = +75°C
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Unit
Condition
fMAXI
Maximum Input Frequency(1)
S_CLOCK
10
10
10
MHz
Fundamental
Xtal Oscillator
10
25
10
25
10
25
Cyrstal
fMAXO
Maximum Output Frequency VCO (Internal)
400
800
400
800
400
800
MHz
FOUT
25
400
25
400
25
400
tLOCK
Maximum PLL Lock Time
10
10
10
ms
tjitter
Cycle-to-Cycle Jitter (Peak-toPeak)
±25
±25
±25
ps
Test output static
tS
Setup Time
S_DATA to S_CLOCK
20
20
20
ns
S_CLOCK to S_LOAD
20
20
20
M, N to P_LOAD
20
20
20
tH
Hold Time
S_DATA to S_CLOCK
20
20
20
ns
S_CLOCK to S_LOAD
20
20
20
M, N to P_LOAD
20
20
20
tpw(MIN)
Minimum Pulse Width
S_LOAD
50
50
50
ns
P_LOAD
50
50
50
tDC
FOUT Duty Cycle
45
55
45
55
45
55
%
tr
Output Rise/Fall
FOUT
300
800
300
800
300
800
ps
tf
20% to 80%
AC ELECTRICAL CHARACTERISTICS
VCC1 = VCC_QUIET = VCC_TTL = +5.0V ±5%; VCC_OUT = +3.3V to +5.0V ±5%; TA = 0°C to +75°C
NOTE:
1. 10MHz is the maximum frequency to load the feedback divide registers. S_CLOCK can be switched at high frequencies when used as a test clock in
TEST_MODE 6.


Similar Part No. - SY89429AJZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429AJC MICREL-SY89429AJC Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429AJCTR MICREL-SY89429AJCTR Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
More results

Similar Description - SY89429AJZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com