Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89429AZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89429AZC
Description  PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89429AZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89429AZC Datasheet HTML 1Page - Micrel Semiconductor SY89429AZC Datasheet HTML 2Page - Micrel Semiconductor SY89429AZC Datasheet HTML 3Page - Micrel Semiconductor SY89429AZC Datasheet HTML 4Page - Micrel Semiconductor SY89429AZC Datasheet HTML 5Page - Micrel Semiconductor SY89429AZC Datasheet HTML 6Page - Micrel Semiconductor SY89429AZC Datasheet HTML 7Page - Micrel Semiconductor SY89429AZC Datasheet HTML 8Page - Micrel Semiconductor SY89429AZC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Precision Edge®
SY89429A
Micrel, Inc.
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
5
6
7
8
9 10 11
VCC_QUIET
XTAL1
S_CLOCK
S_DATA
LOOP_REF
S_LOAD
LOOP_FILTER
M[8]
M[4]
M[7]
M[5]
N[1]
M[6]
N[0]
PLCC
TOP VIEW
The SY89429A is a general purpose, synthesized clock
source targeting applications that require both serial and
parallel interfaces. Its internal VCO will operate over a range
offrequenciesfrom400MHzto 800MHz.The differential PECL
output can be configured to be the VCO frequency divided by
2, 4, 8 or 16. With the output configured to divide the VCO
frequency by 2, and with a 16MHz external quartz crystal used
to provide the reference frequency, the output frequency can
be specified in 1MHz steps.
FEATURES
DESCRIPTION
PROGRAMMABLE
FREQUENCY SYNTHESIZER
(25MHz to 400MHz)
n
Improved jitter performance over SY89429
n
25MHz to 400MHz differential PECL outputs
n
±25ps peak-to-peak output jitter
n
Minimal frequency over-shoot
n
Synthesized architecture
n
Serial 3 wire interface
n
Parallel interface for power-on
n
Internal quartz reference oscillator driven by quartz
crystal or PECL source
n
PECL output can operate with either +3.3V or +5V
VCC_OUT power supply
n
Externalloopfilteroptimizesperformance/cost
n
Applications note (AN-06) for ease of design-ins
n
Available in PLCC and SOIC 28-pin packages
PIN CONFIGURATION
APPLICATIONS
n
Workstations
n
Advanced communications
n
High end consumer
n
High-performance computing
n
RISC CPU clock
n
Graphics pixel clock
n
Test equipment
n
Other high-performance processor-based
applications
GND (TTL)
FOUT
17
12
N[1]
VCC_OUT
18
11
VCC (TTL)
GND
15
14
TEST
/FOUT
16
13
1
M[0]
M[1]
M[2]
M[3]
M[4]
M[5]
M[6]
M[7]
M[8]
N[0]
28 /P_LOAD
VCC1
XTAL2
XTAL1
LOOP_REF
LOOP_FILTER
VCC_QUIET
S_LOAD
S_DATA
S_CLOCK
27
26
25
24
23
22
21
20
19
2
3
4
5
6
7
8
9
10
SOIC
TOP VIEW
Rev.: K
Amendment: /0
Issue Date: July 2009
Precision Edge®
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®
SY89429A


Similar Part No. - SY89429AZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429AZC MICREL-SY89429AZC Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429AZCTR MICREL-SY89429AZCTR Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
More results

Similar Description - SY89429AZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com