Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7215F Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC7215F
Description  MW/LW PLL Frequency Synthesizers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7215F Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC7215F Datasheet HTML 1Page - Sanyo Semicon Device LC7215F Datasheet HTML 2Page - Sanyo Semicon Device LC7215F Datasheet HTML 3Page - Sanyo Semicon Device LC7215F Datasheet HTML 4Page - Sanyo Semicon Device LC7215F Datasheet HTML 5Page - Sanyo Semicon Device LC7215F Datasheet HTML 6Page - Sanyo Semicon Device LC7215F Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MW/LW PLL Frequency Synthesizers
Overview
The LC7215, LC7215F and LC7215FM are phase-locked-loop
frequency synthesizer LSIs that provide accurate reference
frequencies over the MW and LW bands, making them ideally
suited for AM tuners.
Features
.
PLL frequency synthesizer LSIs for MW and LW bands.
.
Reference frequencies of 1, 5, 9 and 10 kHz.
.
On-chip transistor for the low-pass filter amplifier.
.
Single output pin (CMOS output)
.
Controller clock output pin.
.
Time-base output pin.
.
All devices can be used for double conversion demodulation.
.
The LC7215F and 7215FM have expanded input frequency
ranges.
LC7215
0.5 to 13 MHz : (DIP14)
LC7215F/FM
0.5 to 20 MHz : (DIP14/MFP14S)
Package Dimensions
unit : mm
3003A-DIP14
[LC7215, 7215F]
SANYO : DIP14
unit : mm
3111-MFP14S
[LC7215FM]
SANYO : MFP14S
Ordering number: EN 3584B
Silicon-gate CMOS LSI
LC7215, 7215F, 7215FM
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D2597HA(II)/1291JN/7200JN No.3584-1/7


Similar Part No. - LC7215F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results

Similar Description - LC7215F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com