Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89531LHCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89531LHCTR
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531LHCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89531LHCTR Datasheet HTML 1Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 2Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 3Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 4Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 5Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 6Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 7Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 8Page - Micrel Semiconductor SY89531LHCTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Precision Edge®
SY89531L
Micrel, Inc.
M9999-010808
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
IN) ................................... –0.5V to +4.0V
V
CC Pin Potential to Ground Pin (All VCC).. –0.5V to +4.0V
Input Voltage (except XTAL 1,2 pins) (V
IN) ... –0.5V to VCCI
XTAL 1, 2 Input Voltage (V
XTAL 1,2) ...... (VCC–1.9V) to VCC
DC Output Current (I
OUT)
–LVPECL, HSTL outputs ..................................... –50mA
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage
V
CCOA and VCCOC ...................................... 3.0V to 3.6V
V
CCOB ......................................................... 1.6V to 2.0V
Ambient Temperature (T
A) ............................. 0°C to +85°C
Package Thermal Resistance (Junction-to-Ambient)
With Die attach soldered to GND:
TQFP (
θ
JA) Still-Air .............................................. 23°C/W
TQFP (
θ
JA) 200lfpm ............................................ 18°C/W
TQFP (
θ
JA) 500lfpm ............................................ 15°C/W
With Die attach NOT soldered to GND, Note 3
TQFP (
θ
JA) Still-Air .............................................. 44°C/W
TQFP (
θ
JA) 200lfpm ............................................ 36°C/W
TQFP (
θ
JA) 500lfpm ............................................ 30°C/W
Package Thermal Resistance (Junction-to-Case)
TQFP
JC) ......................................................... 4.3°C/W
Power Supply
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CCA
PLL and Logic Supply Voltage
Note 4
3.0
3.3
3.6
V
V
CC_Logic
V
CCOA/C
Bank A and C V
CC Output
3.0
3.3
3.6
V
V
CCOB
Bank B V
CC Output
LVPECL/HSTL
1.6
1.8
2.0
V
I
CC
Total Supply Current
Note 5
230
295
mA
DC ELECTRICAL CHARACTERISTICS
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
It is recommended that the user always solder the exposed die pad to a ground plane for enhanced heat dissipation.
Note 4.
V
CCA, VCC_LOGIC, VCCOA/C are not internally connected together inside the device. They must be connected together on the PCB. VCCOB is a
separate supply.
Note 5.
No load. Outputs floating, Banks A, B, and C enabled.


Similar Part No. - SY89531LHCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89531LHCTR MICREL-SY89531LHCTR Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89531LHCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY898530U MICREL-SY898530U_11 Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY89537L MICREL-SY89537L_10 Datasheet
748Kb / 19P
   3.3V Precision LVPECL and LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com