Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7218 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC7218
Description  PLL Frequency Synthesizer for Electronic Tuning in AV Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7218 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7218 Datasheet HTML 5Page - Sanyo Semicon Device LC7218 Datasheet HTML 6Page - Sanyo Semicon Device LC7218 Datasheet HTML 7Page - Sanyo Semicon Device LC7218 Datasheet HTML 8Page - Sanyo Semicon Device LC7218 Datasheet HTML 9Page - Sanyo Semicon Device LC7218 Datasheet HTML 10Page - Sanyo Semicon Device LC7218 Datasheet HTML 11Page - Sanyo Semicon Device LC7218 Datasheet HTML 12Page - Sanyo Semicon Device LC7218 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Continued from preceding page.
DO Output Format (serial data output)
The LC7218 includes a 28-bit internal shift register that can be used to output the following data from DO: the IN0 and
IN1 input port states, the general-purpose counter (20-bit binary counter) and the unlock detection circuit state.
The contents of the shift register is latched at the point that serial data output mode is selected.
No. 4758-9/16
LC7218, 7218M, 7218JM
No.
Control block/data
Description
Related data
(5)
(6)
(7)
(8)
(9)
(10)
(11)
Divider selection data
DV
Sensitivity selection
data
SP
General-purpose
counter input pin
selection data
SC
General-purpose
counter
frequency/period mode
switching data
SF
General-purpose
counter count time
selection data
GT
Time base output
control data
TB
LSI test mode control
data
T0, T1
• DV selects the local oscillator input pin. (FMIN or AMIN)
• SP switches the input frequency range when AMIN is selected.
* don’t care
• SC selects the input pin (HCTR or LCTR) for the general-purpose counter.
• SF selects the measurement type (frequency or period) when LCTR is selected.
When HCTR is selected, SF is ignored and the LC7218 operates in frequency measurement
mode.
* don’t care
• GT selects the measurement time in frequency measurement mode and the number of periods
in period measurement mode.
GT = 0: 60 ms/one period
GT = 1: 120 ms/two periods
(frequency measurement/period measurement)
• When TB is set to 1 an 8 Hz 40% duty clock time base signal is output from OUT0. O0 bit is
ignored in this mode.
• T0 and T1 switch the LSI between test and normal operating modes. The test modes and have
no user related functions. Both T0 and T1 must always be set to 0.
Be sure to set both T0 and T1 to 0 after power is applied.
CTEN
GT
CTEN
SC
SF
O0
DV
SP
Input pin
Input frequency range (MHz)
1
*
FMIN
10 to 130
0
1
AMIN
2 to 40
0
0
AMIN
0.5 to 10
DV
SP
Input pin
Measurement type
1
*
HCTR
Frequency measurement (sine wave)
0
1
LCTR
Frequency measurement (sine wave)
0
0
LCTR
Period measurement (pulse waveform)
No.
Data
Description
(1)
Input port data
• The values of the IN0 and IN1 input ports are latched into I0 and I1.
I0 and I1
I0 ← IN0, I1 ← IN1
General-purpose
• The C19 to C0 data is latched from value of the general-purpose 20-bit binary counter.
(2)
counter binary data
C19 ← 20-bit binary counter MSB
C19 to C0
C0 → 20-bit binary counter LSB
• The UL3 to UL0 data is latched from the unlock detection circuit.
PLL unlock state data
UL0: 1.11
(3)
UL3 to UL0
UL1: 2.22
These bits are set to 1 if a phase difference in excess of these times (in µs) was detected.
UL2: 3.33
(for a 7.2 MHz crystal)
UL3: 0.55


Similar Part No. - LC7218

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC721 SEOUL-LC721 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC721 SEOUL-LC721 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC721 SEOUL-LC721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC721 SEOUL-LC721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC721 SEOUL-LC721 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC7218

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LM7005 SANYO-LM7005 Datasheet
306Kb / 11P
   Electronic AV Tuner-Use Electronic Tuning PLL Frequency Synthesizer
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com