Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89533LHZTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89533LHZTR
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533LHZTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89533LHZTR Datasheet HTML 1Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 2Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 3Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 4Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 5Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 6Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 7Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 8Page - Micrel Semiconductor SY89533LHZTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-010808
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
TA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOD
Output Voltage Swing(2, 3)
250
450
250
450
250
450
mV
VOH
Output HIGH Voltage
——
1.475
——
1.475
——
1.475
V
VOL
Output LOW Voltage
0.925
——
0.925
——
0.925
——
V
VOCM
Output Common Mode Voltage(2)
1.125
1.375
1.125
1.375
1.125
1.375
V
∆V
OCM
Change in Common Mode
–50
50
–50
50
–50
50
mV
Voltage(2)
LVDS Outputs (SY89533L) Bank B QB0:8(2)
Notes:
2. 100
Ω termination across differential pair.
3.
VOD
TA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(1)
V
CC–1.075
V
CC–0.830 VCC–1.075
V
CC–0.830 VCC–1.075
V
CC–0.830
V
VOL
Output LOW Voltage(1)
V
CC–1.860
V
CC–1.570 VCC–1.860
V
CC–1.570 VCC–1.860
V
CC –1.570
V
VBB
Output Reference Voltage
V
CC–1.26
V
CC–1.32
V
CC–1.38
V
CC–1.26
V
CC–1.32
V
CC–1.38
V
CC–1.26
V
CC–1.32
V
CC–1.38
V
100K LVPECL Outputs
Note:
1. 50
Ω to V
CC –2V. Banks A, B, and C enabled.
TA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
2.0
——
2.0
——
2.0
——
V
VIL
Input LOW Voltage
——
0.8
——
0.8
——
0.8
V
IIH
Input HIGH Current
—————
150
———
µA
IIL
Input LOW Current
———
–300
—————
µA
LVCMOS/LVTTL Input Control Logic
TA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VID
Differential Input Voltage
100(1)
——
100(1)
——
100(1)
——
mV
200(2)
——
200(2)
——
200(2)
——
mV
VIH
Input HIGH Voltage
——
V
CC +0.3
——
V
CC +0.3
——
V
CC +0.3
V
VIL
Input LOW Voltage
–0.3
—–0.3
—–0.3
V
ExtVCO (pins 5, 6) INPUT (All VCC pins = +3.3V ±10%)
Notes:
1. VIN < 2.4V
2. VIN < VCC +0.3V


Similar Part No. - SY89533LHZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533LHC MICREL-SY89533LHC Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHCTR MICREL-SY89533LHCTR Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHH MICREL-SY89533LHH Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHHTR MICREL-SY89533LHHTR Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533LHZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com