Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89535LHZTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89535LHZTR
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89535LHZTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89535LHZTR Datasheet HTML 4Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 5Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 6Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 7Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 8Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 9Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 10Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 11Page - Micrel Semiconductor SY89535LHZTR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Precision Edge®
SY89534/35L
Micrel, Inc.
M9999-110308
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL DESCRIPTION
At the core of the SY89534/35L clock synthesizer is a
precision PLL driven by a differential or single-ended reference
input. For users who wish to supply a crystal input, please use
the SY89532L or SY89533L. The PLL output is sent to three
banks of outputs. Each bank has its own programmable
frequency divider, and the design is optimized to provide very
low skew between banks, and very low jitter.
PLL Programming and Operation
The internal VCO range is 600MHz to 1000MHz, and the
feedback ratio is selectable via the MSEL divider control (M3:0
pins). The feedback ratio can be changed without powering
the chip down. The PLL output is fed to three banks of outputs:
Bank A, Bank B, and Bank C. Banks A and C each have two
differential LVPECL output pairs. Bank B has nine differential
output pairs. On the SY89534L, Bank B is LVPECL. On the
SY89535L, Bank B is LVDS.
Each bank has a separate frequency divider circuit that can
be reprogrammed on the fly. The FSEL_x0:2 (where x is A, B,
or C) pins control the divider value. The FSEL divider can be
programmed in ratios from 2 to 18, and the outputs of Banks
A, B, and C can be synchronized after programming by
pulsing the OUT_SYNC pin HIGH-LOW-HIGH.
To determine the correct settings for SY89534/35L follow
these steps:
1. Refer to the
“Suggested Selections for Specific Customer
Applications” section for common applications, as well as the
formula used to compute the output frequency.
2. Determine the desired output frequency, such as
66MHz.
3. Choose a reference input frequency between 14MHz
and 20MHz. The user can also choose a higher input frequency,
and use the PSEL pre-divider to divide it down to the 14MHz
to 20MHz range. In this example, we choose 18MHz for the
reference input frequency. This results in an input/output ratio
of 66/18.
4. Refer to the
“Feedback Divide Select Table” and the
“Post-Divide Frequency Select Table” to find values for MSEL
and FSEL such that MSEL/FSEL equals the same 66/18 ratio.
In this example, values of MSEL=44 and FSEL=12 work.
5. Make sure that REFCLK
÷ PSEL × MSEL is between
600MHz and 1000MHz.
The user may need to experiment with different REFCLK
input frequencies to satisfy these requirements.
470pF
Loop
Filter
Loop
Reference
330
0.2
µF
Figure 1. External Loop Filter Connection
External Loop Filter Considerations
The SY89534/35L features an external PLL loop filter that
allows the user to tailor the PLL’s behavior to their application
and operating environment. We recommend using ceramic
capacitors with NPO or X7R dielectric, as they have very low
effective series resistance. For applications that require ultra-
low cycle-to-cycle jitter, use the components shown in Figure
1. The PLL loop bandwidth is a function of feedback divider
ratio, and the external loop filter allows the user to compensate.
For instance, the PLL’s loop bandwidth can be decreased by
using a smaller resistor in the loop filter. This results in less
noise from the PLL input, but potentially more noise from the
VCO. Refer to
“AC Electrical Characteristics” for target PLL
loop bandwidth. The designer should take care to keep the
loop filter components on the same side of the board and as
close as possible to the SY89534/35L’s LOOP_REF and
LOOP_FILTER pins. To insure minimal noise pick-up on the
loop filter, it is desirable to cut away the ground plane directly
underneath the loop filter component pads and traces.
However, the benefit may not be significant in all applications
and one must be careful to not alter the characteristic
impedance of nearby traces.
Power Supply Filtering Techniques
As with any high-speed integrated circuit, power supply
filtering is very important. At a minimum, V
CCA, VCC_Logic,
and all V
CCO pins should be individually connected using a via
to the power supply plane, and separate bypass capacitors
should be used for each pin. To achieve optimal jitter
performance, each power supply pin should use separate
instances of the circuit shown in Figure 2.
*For VCC_Analog,VCC_TTL, VCC1,
use ferrite bead = 200mA, 0.45
Ω DC,
Murata P/N BLM21A1025
*For VCC_OUT use ferrite bead = 3A, 0.025
Ω DC,
Murata, P/N BLM31P005
*Component size: 0805
1
µF
22
µF
0.01
µF
Ferrite Bead*
“Power Supply”
side
“Device”
side
VCC
Pins
Figure 2. Power Supply Filtering


Similar Part No. - SY89535LHZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89535LHC MICREL-SY89535LHC Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89535LHCTR MICREL-SY89535LHCTR Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89535LHH MICREL-SY89535LHH Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89535LHHTR MICREL-SY89535LHHTR Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89535LHZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com