Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89543LMGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89543LMGTR
Description  3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89543LMGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89543LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89543LMGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY89543L
Micrel, Inc.
M9999-041608
hbwhelp@micrel.com or (408) 955-1690
OUTPUT INTERFACE APPLICATIONS
LVDS specifies a small swing of 350mV typical, on a
nominal 1.25V common mode above ground. The common
mode voltage has tight limits to permit large variations in
ground between an LVDS driver and receiver. Also, change
in common mode voltage, as a function of data input, is
kept to a minimum, to keep EMI low.
100
VOUT
GND
VOH, VOL
VOH, VOL
Figure 5a. LVDS Differential Measurement
GND
VOCM,
∆V
OCM
50
50
Figure 5b. LVDS Common Mode Measurement
Part Number
Function
Data Sheet Link
SY89542U
2.5V, 3.2Gbps Dual, Differential 2:1 LVDS
http://www.micrel.com/_PDF/HBW/sy89542u.pdf
Multiplexer with Internal Input Termination
SY89544U
2.5V, 3.2Gbps 4:1 LVDS Multiplexer with Internal
http://www.micrel.com/_PDF/HBW/sy89544u.pdf
Input Termination
SY89545L
3.3V, 3.2Gbps, Differential 4:1 LVDS Multiplexer
http://www.micrel.com/_PDF/HBW/sy89545l.pdf
with Internal Input Termination
SY89546U
2.5V, 3.2Gbps, Differential 4:1 LVDS Multiplexer
http://www.micrel.com/_PDF/HBW/sy89546u.pdf
with 1:2 Fanout and Internal Input Termination
SY89547L
3.3V, 3.2Gbps, Differential 4:1 LVDS Multiplexer
http://www.micrel.com/_PDF/HBW/sy89547l.pdf
with 1:2 Fanout and Internal Input Termination
MLF® Application Note
www.amkor.com/products/notes_papers/LF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION


Similar Part No. - SY89543LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89543LMGTR MICREL-SY89543LMGTR Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
More results

Similar Description - SY89543LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U Datasheet
168Kb / 9P
   2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com