Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89827LHITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89827LHITR
Description  3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89827LHITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89827LHITR Datasheet HTML 1Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 2Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 3Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 4Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 5Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 6Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 7Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 8Page - Micrel Semiconductor SY89827LHITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY89827L
Micrel, Inc.
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONALBLOCKDIAGRAM
0
1
HSTL_CLKA
/HSTL_CLKA
LVPECL_CLKA
/LVPECL_CLKA
HSTL_CLKB
/HSTL_CLKB
LVPECL_CLKB
/LVPECL_CLKB
CLK_SEL2
0
1
SEL2
SEL1
0
1
OE2
OE1
0
1
Q0 – Q9
10
10 /Q
0 – /Q9
Q10 – Q19
10
10 /Q
10 – /Q19
LEN
D
Q
CLK_SEL1
LEN
D
Q
SEL2
HSTL_CLKB
/HSTL_CLKB
VCCI
HSTL_CLKA
/HSTL_CLKA
CLK_SEL1
LVPECL_CLKA
/LVPECL_CLKA
GND
OE1
LVPECL_CLKB
/LVPECL_CLKB
CLK_SEL2
OE2
SEL1
VCCO
Q7
/Q7
Q8
/Q8
Q9
/Q9
VCCO
VCCO
Q10
/Q10
Q11
/Q11
Q12
/Q12
VCCO
64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64-PinTQFP(H64-1)
PACKAGE/ORDERINGINFORMATION
Ordering Information(1)
Package Operating
Package
Lead
PartNumber
Type
Range
Marking
Finish
SY89827LHI
H64-1
Industrial
SY89827LHI
Sn-Pb
SY89827LHITR(2)
H64-1
Industrial
SY89827LHI
Sn-Pb
SY89827LHY(3)
H64-1
Industrial
SY89827LHY with
Pb-Free
Pb-Free bar-line indicator Matte-Sn
SY89827LHYTR(2, 3)
H64-1
Industrial
SY89827LHY with
Pb-Free
Pb-Free bar-line indicator Matte-Sn
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY89827LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827LHITR MICREL-SY89827LHITR Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
More results

Similar Description - SY89827LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89808L MICREL-SY89808L Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89823L MICREL-SY89823L_08 Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
   3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com