Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89828LHI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89828LHI
Description  3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89828LHI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89828LHI Datasheet HTML 1Page - Micrel Semiconductor SY89828LHI Datasheet HTML 2Page - Micrel Semiconductor SY89828LHI Datasheet HTML 3Page - Micrel Semiconductor SY89828LHI Datasheet HTML 4Page - Micrel Semiconductor SY89828LHI Datasheet HTML 5Page - Micrel Semiconductor SY89828LHI Datasheet HTML 6Page - Micrel Semiconductor SY89828LHI Datasheet HTML 7Page - Micrel Semiconductor SY89828LHI Datasheet HTML 8Page - Micrel Semiconductor SY89828LHI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Precision Edge®
SY89828L
MicreL, Inc.
M9999-012208
hbwhelp@micrel.com or (408) 955-1690
PIN DESCRIPTIONS
Internal
Pin Number
Pin Name
I/O
Type
P/U
Pin Function
5, 6
LVDS_CLKA
Input
LVDS
3.5kΩ
Differential clock input selected by CLK_SEL1, SEL1 and
/LVDS_CLKA
Pull-up
SEL2. Can be left floating if not selected. Floating input, if
See Fig. 2
selected produces an indeterminate output. Has internal
100Ω termination.
2, 3
LVDS_CLKB
Input
LVDS
3.5kΩ
Differential clock input selected by CLK_SEL1, SEL1 and
/LVDS_CLKB
Pull-up
SEL2. Can be left floating if not selected. Floating input, if
See Fig. 2
selected produces an indeterminate output. Has internal
100Ω termination.
8, 9
LVPECL_CLKA
Input
LVPECL
75kΩ
Differential clock input selected by CLK_SEL1, SEL1
/LVPECL_CLKA
pull-down
and SEL2. Can be left floating. Floating input, if selected
See Fig. 1
produces a LOW at output. Requires external termination.
12, 13
LVPECL_CLKB
Input
LVPECL
75kΩ
Differential clock input selected by CLK_SEL2, SEL1
/LVPECL_CLKB
pull-down
and SEL2. Requires external termination.
See Fig. 1
7
CLK_SEL1
Input
LVTTL/
11kΩ
Selects LVDS_CLKA input when LOW and
CMOS
Pull-up
LVPECL_CLKA input when HIGH.
14
CLK_SEL2
Input
LVTTL/
11kΩ
Selects LVDS_CLKB input when LOW and
CMOS
Pull-up
LVPECL_CLKB input when HIGH.
16
SEL1
Input
LVTTL/
11kΩ
Selects input source CLKA when LOW and CLKB
CMOS
Pull-up
when HIGH for outputs Q0 – Q9 and /Q0 – /Q9.
1
SEL2
Input
LVTTL/
11kΩ
Selects input source CLKA when LOW and CLKB
CMOS
Pull-up
when HIGH for outputs Q10 – Q19 and /Q10 – /Q19.
11
OE1
Input
LVTTL/
11kΩ
Enable input synchronized internally to prevent output
CMOS
Pull-up
glitches or runt pulses.
15
OE2
Input
LVTTL/
11kΩ
Enable input synchronized internally to prevent output
CMOS
Pull-up
glitches or runt pulses.
4
VCCI
Power
Core VCC connected to 3.3V supply. Not connected to
VCCO internally. Connected to VCCO on PCB.
Bypass with 0.1µF in parallel with 0.01µF low ESR
capacitors as close to VCC pins as possible.
17, 32, 40,
VCCO
Power
Output buffer VCC connected to 3.3V suppy. Not connected
41, 49, 64
to VCCI internally. Connected to VCCI on PCB.
Bypass with 0.1µF in parallel with 0.01µF low ESR
capacitors as close to VCC pins as possible.
10
GNDI
Power
Core ground not connected to GNDO internally.
To be connected to GNDO on PCB.
33, 48
GNDO
Power
Output buffer ground not connected to GNDI internally.
To be connected to GNDI on PCB.
63, 61, 59, 57, 55
Q0 – Q9
Output
LVDS
Differential clock outputs from CLKA when SEL1 = LOW
53, 51, 47, 45, 43
and from CLKB when SEL1 = HIGH. Q outputs are static
when OE1 = LOW. Unused output pair must be terminated
with 100Ω to maintain low jitter and skew.
62, 60, 58, 56, 54
/Q0 – /Q9
Output
LVDS
Differential clock outputs (complement) from CLKA when
52, 50, 46, 44, 42
SEL1 = LOW and from CLKB when SEL1 = HIGH. /Q
outputs are static HIGH when OE1 = LOW. Unused output
pairs must be externally terminated with 100Ω to maintain
low jitter and skew.
39, 37, 35, 31, 29
Q10 – Q19
Output
LVDS
Differential outputs from CLKA when SEL2 = LOW and
27, 25, 23, 21, 19
from CLKB when SEL2 = HIGH. Q outputs are static LOW
when OE2 = LOW. Unused output pairs must be externally
terminated with 100Ω to maintain low jitter and skew.


Similar Part No. - SY89828LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828LHY MICREL-SY89828LHY Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
More results

Similar Description - SY89828LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
   3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com