Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89827LHYTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89827LHYTR
Description  3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89827LHYTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89827LHYTR Datasheet HTML 3Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 4Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 5Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 6Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 7Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 8Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 9Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 10Page - Micrel Semiconductor SY89827LHYTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Precision Edge®
SY89827L
Micrel, Inc.
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-50 -25
0
25
50
75 100
TEMPERATURE ( °C)
NominalPropagationDelay
vs.Temperature
HSTL INPUT
LVPECL INPUT
0
200
400
600
800
1000
1200
1400
1600
1800
-50 -25
0
25
50
75 100
TEMPERATURE ( °C)
CLK_SELSwitchoverTime
vs.Temperature
VCCI = 3.3V, VCCO = 1.8V, TA = 25°C, unless otherwise stated.
0
100
200
300
400
500
600
700
800
0
200
400
600
800 1000
FREQUENCY(MHz)
Output Amplitude
vs.Frequency
0
200
400
600
800
1000
1200
1400
0
200
400
600
800 1000
INPUT AMPLITUDE (mV)
PropagationDelay
vs.InputAmplitude
PECL INPUT
HSTL INPUT


Similar Part No. - SY89827LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827LHYTR MICREL-SY89827LHYTR Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
More results

Similar Description - SY89827LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89808L MICREL-SY89808L Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89823L MICREL-SY89823L_08 Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
   3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com