Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC662306A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC662306A
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662306A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC662306A Datasheet HTML 1Page - Sanyo Semicon Device LC662306A Datasheet HTML 2Page - Sanyo Semicon Device LC662306A Datasheet HTML 3Page - Sanyo Semicon Device LC662306A Datasheet HTML 4Page - Sanyo Semicon Device LC662306A Datasheet HTML 5Page - Sanyo Semicon Device LC662306A Datasheet HTML 6Page - Sanyo Semicon Device LC662306A Datasheet HTML 7Page - Sanyo Semicon Device LC662306A Datasheet HTML 8Page - Sanyo Semicon Device LC662306A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Usage Notes
The LC66E2316 was created for program development, product evaluation, and prototype development for products
based on the LC6623XX Series microcontrollers. Keep the following points in mind when using this product.
1. After a reset
The RES pin must be held low for an additional 3 instruction cycles after the oscillator stabilization period has
elapsed. Also, the port output circuit types are set up during the 9 instruction cycles immediately after RES is set
high. Only then is the program counter set to 0 and program execution started from that location. (The port output
circuits all revert to the open-drain type during periods when RES is low.)
2. Notes on LC6623XX evaluation
The high end of the EPROM area (locations 3FF0H to 3FFFH) are the option specification area. Option specification
data must be programmed for and loaded into this area. The Sanyo specified cross assembler for this product is the
program LC66S.EXE. Also, insert JMP instructions so that user programs do not attempt to execute addresses that
exceed the capacity of the mask ROM, and write zeros (00H) to areas (other than 3FF0H to 3FFFH) that exceed the
actual capacity of the mask ROM.
3. Always apply an opaque seal to the window on the LC66E2316 package when actually using the device.
Main differences between the LC66E2316, LC66P2316, and LC6623XX Series
Note: * Although the microcontroller will remain in hold mode if the RES pin is set low while it is in hold mode, always use the reset start sequence (after
switching HOLD from low to high, switch RES from low to high) when clearing hold mode. Also not that a current of about 100 µA flows from the
RES pin when it is low. This increases the hold mode current drain by about 100 µA.
See the data sheets for the individual products for details on other differences.
No. 5486-4/26
LC66E2316
Item
LC6623XX Series (mask version)
LC66E2316
LC66P2316
Differences in the main
characteristics
–30 to +70°C
+10 to +40°C
–30 to +70°C
• Operating temperature range
• Operating supply voltage/operating
3.5 to 5.5 V/0.95 to 10 µs
4.5 to 5.5 V/0.95 to 10 µs
4.0 to 5.5 V/0.95 to 10 µs
frequency (cycle time)
Typical: 10 µA
Typical: 10 µA
• Input high-level current (RES)
Maximum: 1 µA
(normal operation and halt mode)
(normal operation and halt mode)
Hold mode: 1 µA maximum
Hold mode: 1 µA maximum
• Input low-level current (RES)
Maximum: 1 µA
Typical: 100 µA
Typical: 100 µA
• Current drain
(Operating at 4 MHz)
Typical: 10 nA, maximum: 10 µA
Larger than that for the mask versions
Larger than that for the mask versions
(Halt mode at 4 MHz)
Typical: 10 nA, maximum: 10 µA*
Typical: 10 nA, maximum: 10 µA*
(Hold mode)
Port output types at reset
The output type specified in
Open-drain outputs
Open-drain outputs
the options
Package
• DIP42S
• DIC42S window package
• DIP42S
• QFP48E
• QFC48 window package
• QFP48E
At least 10 ms
VDDmin
Location
0
Location
1
VDD
OSC
RES
Program execution (PC)
Port output type
At least 3
instruction
Oscillator
stabilization
Open drain
Option switching
period
9 instruction
cycles
Option specification


Similar Part No. - LC662306A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662306A SANYO-LC662306A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662306A SANYO-LC662306A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662306A SANYO-LC662306A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662306A SANYO-LC662306A Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662306A SANYO-LC662306A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC662306A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com