Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1320DCATC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1320DCATC
Description  Buck mode DC-DC converter for LED driving
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1320DCATC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1320DCATC Datasheet HTML 2Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 3Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 4Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 5Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 6Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 7Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 8Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 9Page - Diodes Incorporated ZXLD1320DCATC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ZXLD1320
Issue 1 - January 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
DC-DC converter output parameters
Switching NPN transistor
NOTES:
(b) Measured under pulse conditions.
(c) This current is measured via the collectors and emitters of the switch with these connected to ground (0V)
(d) Measured under pulse conditions. Peak Current = Ic
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Toff(100)
Discharge pulse width
100% Output current
0.7
1.2
1.7
µs
Toff(10)
Discharge pulse width
10% Output current
4
8
12
µs
fLXmax
Maximum operating
frequency
600
KHz
VOH(POK)
POK flag high level output
voltage
4V<VIN<18V
Output sourcing 0.3µA
2VIN
V
VOL(POK)
POK flag low level output
voltage
Output sinking 1mA
0
0.4
V
T(POK)
POK assertion delay time
Switch permanently on
300
500
700
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISW
Average continuous switch
current(b)
1.5
A
IBON(max)
Maximum base current into
switch transistor from internal
drive circuit(c)
4V<VIN<18V
BIAS pin at 0V
30
50
70
mA
IBON
Base current into switch
transistor using external
resistor (RBASE) from BIAS pin
to ground
RBIAS = 1680Ω
10
mA
V(BR)CE
Collector-Emitter breakdown
voltage
IC=10µA
20
V
VCE(sat)
Collector-Emitter saturation
voltage
IC=0.1A, IB=10mA
IC=2A, IB=50mA(d)
50
120
mV
mV
hFE
Static forward current transfer
ratio
IC=200mA, VCE=2V
IC=2A, VCE=2V
209
116
COBO
Output capacitance
VCB=10V,f=1MHz
64
pF
t(on)
Turn-on time
Ic=0 to IC=2A
VIN=10V
30
ns
t(off)
Turn-off time
IC=2A to Ic<100µA
28
ns


Similar Part No. - ZXLD1320DCATC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1320DCATC ZETEX-ZXLD1320DCATC Datasheet
376Kb / 18P
   Buck mode DC-DC converter for LED driving with 1.5A output and current control
More results

Similar Description - ZXLD1320DCATC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
   Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A output and current control
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8812 DIODES-AL8812 Datasheet
402Kb / 11P
   BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
Maxim Integrated Produc...
MAX25610A MAXIM-MAX25610A Datasheet
1Mb / 24P
   Synchronous Buck and Buck-Boost LED Driver/DC-DC Converter
Rev 5; 4/19
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com