Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1322 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1322 Datasheet HTML 2Page - Diodes Incorporated ZXLD1322 Datasheet HTML 3Page - Diodes Incorporated ZXLD1322 Datasheet HTML 4Page - Diodes Incorporated ZXLD1322 Datasheet HTML 5Page - Diodes Incorporated ZXLD1322 Datasheet HTML 6Page - Diodes Incorporated ZXLD1322 Datasheet HTML 7Page - Diodes Incorporated ZXLD1322 Datasheet HTML 8Page - Diodes Incorporated ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated ZXLD1322 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
6 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Switching NPN Transistor
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ISW
Average continuous switch current
(c)
2
A
IBON(max)
Maximum base current into switch
transistor from internal drive circuit
(d)
2V<VIN<18V BIAS pin at 0V
30
50
70
mA
IBON
Base current into switch transistor
using external resistor (RBASE) from
BIAS pin to ground
RBIAS = 1680Ω
10
mA
V(BR)CE
Collector-Emitter breakdown voltage
IC = 10mA
15
V
VCE(sat)
Collector-Emitter saturation voltage
IC = 0.1A, IB = 10mA
IC = 2A, IB = 50mA
(e)
50
120
mV
hFE
Static forward current transfer ratio
IC = 200mA, VCE = 2V
IC = 2A, VCE = 2V
209
116
COBO
Output capacitance
VCB = 10V,f = 1MHz
64
pF
t(on)
Turn-on time
Ic = 0 to IC = 2A VIN = 10V
30
ns
t(off)
Turn-off time
IC = 2A to Ic < 100μA
28
ns
High-Side Current Monitor
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VM_VIN
Supply voltage
2.5
18
V
VMON
Sense voltage
=V(VIN) – VM_VIN
0
100
200
mV
I_M_VIN
Input current
Measured into M_VIN pin
0.08
1
µA
TCO(MON)
Temperature coefficient
VMON=10mV
VMON=100mV
370
150
ppm/K
BW
Bandwidth
VMON=10mV
VMON=100mV
350
2.5
KHz
Mhz
Gm
Tran conductance
ΔIOUT/ΔVMON
1
mA/V
ACC
Accuracy
RM = 0.1Ω
VMON = 100mV
-3
3
%
Reference Current Monitor
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VADJ
Adjust Voltage
0
500
mV
TCO
(MON)
Temperature coefficient
VADJ = 50mV
VADJ = 500mV
160
200
ppm/K
BW
Bandwidth
VADJ = 50mV
VADJ = 500mV
275
3
KHz
Mhz
Gm
Tran conductance
ΔIOUT/ΔVADJ
200
µA/V
ACC
Accuracy
VADJ = 500mV
-3
3
%
Notes:
(c) Measured under pulse conditions.
(d) This current is measured via the collectors and emitters of the switch with these connected to ground (0V)
(e) Measured under pulse conditions. Peak Current = IC


Similar Part No. - ZXLD1322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1322DCTC ZETEX-ZXLD1322DCTC Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
More results

Similar Description - ZXLD1322

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com