Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD4D11-100MC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # CMD4D11-100MC
Description  ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CMD4D11-100MC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button CMD4D11-100MC Datasheet HTML 3Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 4Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 5Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 6Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 7Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 8Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 9Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 10Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
APPLICATIONS
Setting output voltage
The ZXLD1615 has an adjustable output voltage
allowing the end user maximum flexibility. To set the
output voltage a potential divider network is needed
(see R1 and R2 in typical applications circuit).
The output voltage is determined by the equation:
VV
R
R
OUT
FB
=+
1
2
1
where VFB = 1.025V.
The following table gives suggested values for
various output voltages.
Output voltage can be adjusted from VIN + VF to the
maximum output voltage rating of the internal
switch, 30V.
Once the nominal output voltage has been set, it can
be adjusted to a lower value by applying a pulse
width modulated (PWM) control signal to the EN pin.
PWM adjustment permits the device to be turned on
and the output voltage set by a single logic signal
applied to the EN pin. No external resistors are
required and the amplitude of the control signal is
not critical, providing it conforms to the limits
defined in the electrical characteristics.
1) PWM output voltage adjustment (analogue mode)
During this mode of operation the device operation is
continuous, providing a low ripple output voltage
(VOUT) directly proportional to the duty cycle (D) of
the logic signal applied to the EN pin according to the
relationship:
VOUT = D x VOUT(nom)
Square wave signals applied to the EN pin, for
example, will turn the device on and produce a
nominal regulated output of 13.5V.
The ZXLD1615 contains a timing circuit that switches
the device on a few microseconds after the
application of a rising edge to EN and turns it back
off again nominally 120
µs after the falling edge of
EN. For continuous PWM mode operation, the
frequency of the control signal must therefore be
maintained above 10kHz at all times, to prevent the
internal delay circuit from timing out and switching
the device into standby mode. The maximum
frequency applied to EN should be limited to 100kHz
to minimize errors due to internal switching delays
2) PWM output voltage adjustment (gated mode)
This method of adjustment can be used in
applications where the output ripple is less important
than the supply current. The method of adjustment is
the same as in 1) above, however, during this mode
of operation, the device is gated on and off,
providing an average output voltage (VOUT) directly
proportional to the duty cycle (D) of the logic signal
applied to the EN pin according to the relationship:
VOUT(AVG) = D x VOUT(nom)
The ripple on this voltage will be determined by the
size of the output capacitor.
The output voltage can be adjusted all the way down
to the input voltage by either method of PWM
control, but for best results, the duty cycle range
should be kept within the specified range. Lower duty
cycles will result in increased output ripple and
non-linearity in the relationship between duty cycle
and output voltage. If a greater control range is
required, the nominal output can be reduced by the
use of external resistors before the PWM signal is
applied.
Minimizing output voltage ripple
For applications requiring lower output ripple it may
be necessary to add a small ceramic capacitor in
parallel with R2. A value of 4.7pF is suitable for most
output ranges.
ZXLD1615
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
7
Required
output voltage
R1
R2
5V
270K
1M
12V
91K
1M
18V
60K
1M
21V
51K
1M
25V
43K
1M
28V
39K
1M


Similar Part No. - CMD4D11-100MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CMD4D11-100MC DIODES-CMD4D11-100MC Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results

Similar Description - CMD4D11-100MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com