Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM62N02E6TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXM62N02E6TA
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM62N02E6TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXM62N02E6TA Datasheet HTML 1Page - Diodes Incorporated ZXM62N02E6TA Datasheet HTML 2Page - Diodes Incorporated ZXM62N02E6TA Datasheet HTML 3Page - Diodes Incorporated ZXM62N02E6TA Datasheet HTML 4Page - Diodes Incorporated ZXM62N02E6TA Datasheet HTML 5Page - Diodes Incorporated ZXM62N02E6TA Datasheet HTML 6Page - Diodes Incorporated ZXM62N02E6TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.1
10
100
0.0001
0.1
100
0
80
160
VDS - Drain-Source Voltage (V)
Safe Operating Area
0.1
10
100
DC
1s
100ms
D=0.1
D=0.2
60
D=0.05
0
Pulse Width (s)
Transient Thermal Impedance
2
1.5
0
T - Temperature (°C)
Derating Curve
Refer Note (b)
Single Pulse
D=0.5
10ms
1ms
100us
Pulse Width (s)
40
80
20
0.01
10
0.001
1
80
0
0.0001
1000
0.001 0.01
0.1
1
10
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
100
60
120
100
40
20
Refer Note (a)
1
0.5
60
140
20
40
100
120
1
1
Refer Note (a)
Refer Note (b)
Refer Note (a)
CHARACTERISTICS
ZXM62N02E6
3
ISSUE
1 - JUNE 2004


Similar Part No. - ZXM62N02E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62N02E6TA ZETEX-ZXM62N02E6TA Datasheet
186Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM62N02E6TA ZETEX-ZXM62N02E6TA Datasheet
183Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62N02E6TA DIODES-ZXM62N02E6TA Datasheet
745Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM62N02E6TA VBSEMI-ZXM62N02E6TA Datasheet
483Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXM62N02E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com