Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM62N03GTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXM62N03GTC
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM62N03GTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXM62N03GTC Datasheet HTML 1Page - Diodes Incorporated ZXM62N03GTC Datasheet HTML 2Page - Diodes Incorporated ZXM62N03GTC Datasheet HTML 3Page - Diodes Incorporated ZXM62N03GTC Datasheet HTML 4Page - Diodes Incorporated ZXM62N03GTC Datasheet HTML 5Page - Diodes Incorporated ZXM62N03GTC Datasheet HTML 6Page - Diodes Incorporated ZXM62N03GTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXM62N03G
ISSUE 1 - OCTOBER 2002
2
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (VGS=10V; TA=25°C)(b)
(VGS=10V; TA=70°C)(b)
(VGS=10V; TA=25°C)(a)
ID
4.7
3.8
3.4
A
Pulsed Drain Current (c)
IDM
16
A
Continuous Source Current (Body Diode) (b)
IS
2.6
A
Pulsed Source Current (Body Diode)(c)
ISM
16
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
2.0
16
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
3.9
31
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
62.5
°C/W
Junction to Ambient (b)
RθJA
32
°C/W
THERMAL RESISTANCE
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.05 pulse width limited by maximum junction temperature.


Similar Part No. - ZXM62N03GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62N03GTC ZETEX-ZXM62N03GTC Datasheet
153Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM62N03GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com