Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM62P02E6TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXM62P02E6TA
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM62P02E6TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXM62P02E6TA Datasheet HTML 1Page - Diodes Incorporated ZXM62P02E6TA Datasheet HTML 2Page - Diodes Incorporated ZXM62P02E6TA Datasheet HTML 3Page - Diodes Incorporated ZXM62P02E6TA Datasheet HTML 4Page - Diodes Incorporated ZXM62P02E6TA Datasheet HTML 5Page - Diodes Incorporated ZXM62P02E6TA Datasheet HTML 6Page - Diodes Incorporated ZXM62P02E6TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXM62P02E6
5
0.1
100
12.5
5
0.1
10
100
0.2
0.8
1.4
200
50
-100
0.1
10
100
-VDS - Drain-Source Voltage (V)
Output Characteristics
0.1
100
VDS=-10V
100
10
0.1
-VGS - Gate-Source Voltage (V)
Typical Transfer Characteristics
10
1
0.1
-ID - Drain Current (A)
On-Resistance v Drain Current
3V
100
10
-VGS
0.1
-VDS - Drain-Source Voltage (V)
Output Characteristics
1.6
1.0
0.4
Tj - Junction Temperature (°C)
Normalised RDS(on) and VGS(th)
v Temperature
100
10
0.1
-VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward Voltage
T=150°C
T=25°C
+150°C
T=150°C
VGS=-4.5V
T=25°C
RDS(on)
ID=-1.6A
VGS=VDS
ID=-250µA
VGS(th)
1.5
3
24.5
1
0.4
1.0
0.6
1.2
1
1
1
2.5V
2V
3.5V
4V
5V
4.5V
-VGS
3V
2.5V
2V
3.5V
4V
4.5V
5V
+25°C
1
110
10
0.6
1.2
0.8
1.4
150
0
-50
100
1
VGS=-3V
VGS=-5V
3.5
4
TYPICAL CHARACTERISTICS
ISSUE
1 - JUNE 2004


Similar Part No. - ZXM62P02E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6TA ZETEX-ZXM62P02E6TA Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM62P02E6TA ZETEX-ZXM62P02E6TA Datasheet
177Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62P02E6TA DIODES-ZXM62P02E6TA Datasheet
719Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM62P02E6TA VBSEMI-ZXM62P02E6TA Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - ZXM62P02E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com