Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC3A17DN8 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXMC3A17DN8
Description  COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3A17DN8 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXMC3A17DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 9Page - Diodes Incorporated ZXMC3A17DN8 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ZXMC3A17DN8
SEMICO NDUC TORS
10
ISSUE 1 - OCTOBER 2005
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park
Chadderton, Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2005
Controlling dimensions are in millimeters. Approximate conversions are given in inches
SO8 PACKAGE OUTLINE (Conforms to JEDEC MS-012AA Iss. C)
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
e
1.27 BSC
0.050 BSC
A1
0.10
0.25
0.004
0.010
b
0.33
0.51
0.013
0.020
D
4.80
5.00
0.189
0.197
c
0.19
0.25
0.008
0.010
H
5.80
6.20
0.228
0.244
E
3.80
4.00
0.150
0.157
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
-
----
PACKAGE DIMENSIONS


Similar Part No. - ZXMC3A17DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
279Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A17DN8TA ZETEX-ZXMC3A17DN8TA Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A17DN8TA ZETEX-ZXMC3A17DN8TA Datasheet
279Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A17DN8TC ZETEX-ZXMC3A17DN8TC Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC3A17DN8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
   30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
   30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
logo
Zetex Semiconductors
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
logo
Pan Jit International I...
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
   30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com