Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC3AMC Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXMC3AMC
Description  30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3AMC Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXMC3AMC Datasheet HTML 3Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 4Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 5Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 6Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 7Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 8Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 9Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 10Page - Diodes Incorporated ZXMC3AMC Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ZXMC3AMC
Document number: DS35088 Rev. 1 - 2
11 of 11
www.diodes.com
December 2010
© Diodes Incorporated
ZXMC3AMC
A Product Line of
Diodes Incorporated
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B.
A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2010, Diodes Incorporated
www.diodes.com


Similar Part No. - ZXMC3AMC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AMC DIODES-ZXMC3AMC_15 Datasheet
736Kb / 11P
   30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC3AMC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AMC DIODES-ZXMC3AMC_15 Datasheet
736Kb / 11P
   30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
   30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
   30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
logo
Zetex Semiconductors
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
   Complementary 30V enhancement mode MOSFET
logo
Pan Jit International I...
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
   30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC3025LSD DIODES-DMC3025LSD Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com