Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC4559DN8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMC4559DN8
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC4559DN8 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXMC4559DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 9Page - Diodes Incorporated ZXMC4559DN8 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXMC4559DN8
ISSUE 5 - MAY 2005
6
SEMICO NDUC TORS
0.1
1
10
0.01
0.1
1
10
0.1
1
10
0.01
0.1
1
10
2345
0.01
0.1
1
10
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
4.5V
10V
4V
3.5V
V
GS
2.5V
3V
Output Characteristics
T = 25°C
V
GS
V
DS Drain-Source Voltage (V)
4V
3.5V
3V
2V
4.5V
10V
2.5V
Output Characteristics
T = 150°C
V
DS Drain-Source Voltage (V)
Typical Transfer Characteristics
V
DS
= 10V
T = 25°C
T = 150°C
V
GS Gate-Source Voltage (V)
Normalised Curves v Temperature
R
DS(on)
V
GS
= 10V
I
D
=4.5A
V
GS(th)
V
GS
=V
DS
I
D
= 250uA
Tj Junction Temperature (°C)
4.5V
10V
3V
4V
3.5V
2.5V
On-Resistance v Drain Current
T = 25°C
V
GS
I
D Drain Current (A)
T = 150°C
T = 25°C
Source-Drain Diode Forward Voltage
V
SD Source-Drain Voltage (V)
N-CHANNEL TYPICAL CHARACTERISTICS


Similar Part No. - ZXMC4559DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4559DN8 ZETEX-ZXMC4559DN8 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMC4559DN8TA ZETEX-ZXMC4559DN8TA Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4559DN8TA DIODES-ZXMC4559DN8TA Datasheet
410Kb / 11P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMC4559DN8TA VBSEMI-ZXMC4559DN8TA Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMC4559DN8TC ZETEX-ZXMC4559DN8TC Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMC4559DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC6A09DN8 ZETEX-ZXMC6A09DN8 Datasheet
290Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC6A09DN8 DIODES-ZXMC6A09DN8_15 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMC6A09DN8 DIODES-ZXMC6A09DN8 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMC4559DN8 ZETEX-ZXMC4559DN8 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4559DN8 DIODES-ZXMC4559DN8_15 Datasheet
410Kb / 11P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE14614B ACE-ACE14614B Datasheet
208Kb / 3P
   60V Complementary Enhancement Mode Power MOSFET
VER 1.1
logo
Diodes Incorporated
DMC6040SSDQ DIODES-DMC6040SSDQ Datasheet
592Kb / 9P
   60V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE114614B ACE-ACE114614B Datasheet
214Kb / 3P
   60V Complementary Enhancement Mode Power MOSFET
VER 1.1
logo
Diodes Incorporated
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com