Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC4559DN8TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMC4559DN8TA
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC4559DN8TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMC4559DN8TA Datasheet HTML 1Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 2Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 3Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 4Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 5Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 6Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 7Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 8Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXMC4559DN8
ISSUE 5 - MAY 2005
5
SEMICO NDUC TORS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-60
V
ID=-250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1.0
AVDS=-60V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-1.0
V
I
D
=-250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
0.085
0.125
VGS=-10V, ID=-2.9A
VGS=-4.5V, ID=-2.4A
Forward Transconductance
(1) (3)
gfs
7.2
S
VDS=-15V,ID=-2.9A
DYNAMIC
(3)
Input Capacitance
Ciss
1021
pF
VDS=-30 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
83.1
pF
Reverse Transfer Capacitance
Crss
56.4
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
3.5
ns
VDD =-30V, ID=-1A
RG 6.0 ,VGS=-10V
Rise Time
tr
4.1
ns
Turn-Off Delay Time
td(off)
35
ns
Fall Time
tf
10
ns
Gate Charge
Qg
12.1
nC
VDS=-30V,VGS=-5V,
ID=-2.9A
Total Gate Charge
Qg
24.2
nC
VDS=-30V,VGS=-10V,
ID=-2.9A
Gate-Source Charge
Qgs
2.5
nC
Gate-Drain Charge
Qgd
3.7
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-0.95
V
TJ=25°C, IS=-3.4A,
VGS=0V
Reverse Recovery Time
(3)
trr
29.2
ns
TJ=25°C, IF=-2A,
di/dt= 100A/
µs
Reverse Recovery Charge
(3)
Qrr
39.6
nC
P-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Width
300 s. Duty cycle
2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMC4559DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4559DN8TA ZETEX-ZXMC4559DN8TA Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4559DN8TA DIODES-ZXMC4559DN8TA Datasheet
410Kb / 11P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMC4559DN8TA VBSEMI-ZXMC4559DN8TA Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMC4559DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC6A09DN8 ZETEX-ZXMC6A09DN8 Datasheet
290Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC6A09DN8 DIODES-ZXMC6A09DN8_15 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMC6A09DN8 DIODES-ZXMC6A09DN8 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMC4559DN8 ZETEX-ZXMC4559DN8 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4559DN8 DIODES-ZXMC4559DN8_15 Datasheet
410Kb / 11P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE14614B ACE-ACE14614B Datasheet
208Kb / 3P
   60V Complementary Enhancement Mode Power MOSFET
VER 1.1
logo
Diodes Incorporated
DMC6040SSDQ DIODES-DMC6040SSDQ Datasheet
592Kb / 9P
   60V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE114614B ACE-ACE114614B Datasheet
214Kb / 3P
   60V Complementary Enhancement Mode Power MOSFET
VER 1.1
logo
Diodes Incorporated
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com