Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN2A02N8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN2A02N8
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2A02N8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN2A02N8 Datasheet HTML 1Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 2Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 3Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 4Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 5Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 6Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 7Page - Diodes Incorporated ZXMN2A02N8 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = 20V; RDS(ON) = 0.02
ID = 10.2A
DESCRIPTION
This new generation of TRENCH MOSFETs from Zetex utilizes a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
Low profile SOIC package
APPLICATIONS
Disconnect switches
Motor control
DEVICE MARKING
ZXMN
2A02
ZXMN2A02N8
ISSUE 6 - FEBRUARY 2007
1
20V N-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMN2A02N8TA
7”
12mm
500 units
ZXMN2A02N8TC
13”
12mm
2500 units
ORDERING INFORMATION
Top View
SO8


Similar Part No. - ZXMN2A02N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A02N8 ZETEX-ZXMN2A02N8 Datasheet
171Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A02N8 ZETEX-ZXMN2A02N8 Datasheet
152Kb / 8P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A02N8TA ZETEX-ZXMN2A02N8TA Datasheet
171Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A02N8TA ZETEX-ZXMN2A02N8TA Datasheet
152Kb / 8P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A02N8TC ZETEX-ZXMN2A02N8TC Datasheet
171Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A02N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com