Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN2A03E6TC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMN2A03E6TC
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2A03E6TC Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXMN2A03E6TC Datasheet HTML 1Page - Diodes Incorporated ZXMN2A03E6TC Datasheet HTML 2Page - Diodes Incorporated ZXMN2A03E6TC Datasheet HTML 3Page - Diodes Incorporated ZXMN2A03E6TC Datasheet HTML 4Page - Diodes Incorporated ZXMN2A03E6TC Datasheet HTML 5Page - Diodes Incorporated ZXMN2A03E6TC Datasheet HTML 6Page - Diodes Incorporated ZXMN2A03E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZXMN2A03E6
ISSUE 4 - SEPTEMBER 2005
7
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park
Chadderton, Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2005
DIM
Millimetres
Inches
DIM
Millimetres
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
0.90
1.45
0.35
0.057
E
2.60
3.00
0.102
0.118
A1
0.00
0.15
0
0.006
E1
1.50
1.75
0.059
0.069
A2
0.90
1.30
0.035
0.051
L
0.10
0.60
0.004
0.002
b
0.35
0.50
0.014
0.019
e
0.95 REF
0.037 REF
C
0.09
0.20
0.0035
0.008
e1
1.90 REF
0.074 REF
D
2.80
3.00
0.110
0.118
L
10°
10°
PACKAGE DIMENSIONS
CONTROLLING DIMENSIONS IN MILLIMETRES APPROX CONVERSIONS INCHES.
A1
2
L
DATUM A
a
C
E
AA2
E1
D
b
e
e1
PACKAGE OUTLINE
PAD LAYOUT DETAILS


Similar Part No. - ZXMN2A03E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A03E6TC ZETEX-ZXMN2A03E6TC Datasheet
117Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6TC ZETEX-ZXMN2A03E6TC Datasheet
196Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A03E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com