Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN2B01FTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN2B01FTA
Description  20V SOT23 N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2B01FTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN2B01FTA Datasheet HTML 1Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 2Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 3Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 4Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 5Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 6Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 7Page - Diodes Incorporated ZXMN2B01FTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 - March 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXMN2B01F
20V SOT23 N-channel enhancement mode MOSFET
with low gate drive capability
Summary
Description
This new generation trench MOSFET from Zetex features low on-
resistance achievable with low gate drive.
Features
Low on-resistance
Fast switching speed
Low gate drive capability
SOT23 package
Applications
DC-DC converters
Power management functions
Disconnect switches
Motor control
Ordering information
Device marking
2B1
V(BR)DSS
RDS(on) ( )ID (A)
20
0.100 @ VGS= 4.5V
2.4
0.150 @ VGS= 2.5V
2.0
0.200 @ VGS= 1.8V
1.7
Device
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXMN2B01FTA
7
8
3,000
D
S
G
D
Top view
S
G


Similar Part No. - ZXMN2B01FTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2B01FTA ZETEX-ZXMN2B01FTA Datasheet
379Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability
More results

Similar Description - ZXMN2B01FTA

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
ZXMN2F30FH ZPSEMI-ZXMN2F30FH Datasheet
202Kb / 3P
   20V SOT23 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN2F30FH ZETEX-ZXMN2F30FH Datasheet
413Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
ZXMN2F34FH ZETEX-ZXMN2F34FH Datasheet
490Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN2F34FH DIODES-ZXMN2F34FH Datasheet
413Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
ZXMN2B14FH DIODES-ZXMN2B14FH Datasheet
441Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
ZXMN2F30FH DIODES-ZXMN2F30FH Datasheet
420Kb / 8P
   20V SOT23 N-channel enhancement mode MOSFET
logo
ZP Semiconductor
ZXMN2F34FH ZPSEMI-ZXMN2F34FH Datasheet
195Kb / 3P
   20V SOT23 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
DMN2300U DIODES-DMN2300U_15 Datasheet
157Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
ZXMN2B03E6 DIODES-ZXMN2B03E6 Datasheet
591Kb / 8P
   20V SOT23-6 N-channel enhancement mode MOSFET
logo
ZP Semiconductor
DMN2300U ZPSEMI-DMN2300U Datasheet
229Kb / 3P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com