Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3A02N8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN3A02N8
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3A02N8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN3A02N8 Datasheet HTML 1Page - Diodes Incorporated ZXMN3A02N8 Datasheet HTML 2Page - Diodes Incorporated ZXMN3A02N8 Datasheet HTML 3Page - Diodes Incorporated ZXMN3A02N8 Datasheet HTML 4Page - Diodes Incorporated ZXMN3A02N8 Datasheet HTML 5Page - Diodes Incorporated ZXMN3A02N8 Datasheet HTML 6Page - Diodes Incorporated ZXMN3A02N8 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = 30V; RDS(ON) = 0.025
ID = 9.0A
DESCRIPTION
This new generation of TRENCH MOSFETs from Zetex utilizes a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
Low profile SOIC package
APPLICATIONS
Disconnect switches
Motor control
DEVICE MARKING
ZXMN
3A02
ZXMN3A02N8
ISSUE 4 - JANUARY 2005
1
30V N-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMN3A02N8TA
7”
12mm
500 units
ZXMN3A02N8TC
13”
12mm
2500 units
ORDERING INFORMATION
Top View
PINOUT
SO8


Similar Part No. - ZXMN3A02N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A02N8 ZETEX-ZXMN3A02N8 Datasheet
170Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A02N8TA ZETEX-ZXMN3A02N8TA Datasheet
170Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A02N8TC ZETEX-ZXMN3A02N8TC Datasheet
170Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A02N8 DIODES-ZXMN3A02N8_15 Datasheet
186Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN3A02N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com