Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3F31DN8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN3F31DN8
Description  30V SO8 dual N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3F31DN8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN3F31DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMN3F31DN8 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMN3F31DN8
Issue 2 - February 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-Source breakdown
voltage
V(BR)DSS
30
V
ID= 250μA, VGS=0V
Zero Gate voltage drain
current
IDSS
0.5
μAV
DS= 30V, VGS=0V
Gate-Body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source threshold
voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS=VGS
Static Drain-Source
on-state resistance (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤2%.
RDS(on)
0.024
0.039
Ω
Ω
VGS= 10V, ID= 7.0A
VGS= 4.5V, ID= 6.0A
Forward
transconductance(*)(†)
gfs
16.5
S
VDS= 15V, ID= 7A
Dynamic (†)
(†) For design aid only, not subject to production testing
Input capacitance
Ciss
608
pF
VDS= 15V, VGS=0V
f=1MHz
Output capacitance
Coss
132
pF
Reverse transfer
capacitance
Crss
71
pF
Switching (‡)(†)
(‡) Switching characteristics are independent of operating junction temperature.
Turn-on-delay time
td(on)
2.9
ns
VDD= 15V, ID= 1A
RG ≅ 6.0Ω, VGS=10V
Rise time
tr
3.3
ns
Turn-off delay time
td(off)
16
ns
Fall time
tf
8ns
Total gate charge
Qg
12.9
nC
VDS= 15V, VGS= 10V
ID= 7A
Gate-source charge
Qgs
2.5
nC
Gate drain charge
Qgd
2.52
nC
Source-drain diode
Diode Forward Voltage(*)
VSD
0.82
1.2
V
Tj=25°C, IS= 1.7A,
VGS=0V
Reverse recovery time(†)
trr
12
ns
Tj=25oC, IS=2.2A
di/dt=100A/ s
Reverse recovery charge(†) Qrr
4.8
nC


Similar Part No. - ZXMN3F31DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3F31DN8 ZETEX-ZXMN3F31DN8 Datasheet
470Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
ZXMN3F31DN8TA ZETEX-ZXMN3F31DN8TA Datasheet
470Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results

Similar Description - ZXMN3F31DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3F31DN8 ZETEX-ZXMN3F31DN8 Datasheet
470Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
ZXMN3F318DN8 ZETEX-ZXMN3F318DN8 Datasheet
269Kb / 12P
   30V SO8 Asymmetrical dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP3F37DN8 DIODES-ZXMP3F37DN8 Datasheet
250Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F318DN8 DIODES-ZXMN3F318DN8 Datasheet
250Kb / 12P
   30V SO8 Asymmetrical dual N-channel enhancement mode
logo
Zetex Semiconductors
ZXMC3F31DN8 ZETEX-ZXMC3F31DN8 Datasheet
351Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37N8 ZETEX-ZXMP3F37N8 Datasheet
299Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com