Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3F31DN8TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN3F31DN8TA
Description  30V SO8 dual N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3F31DN8TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN3F31DN8TA Datasheet HTML 1Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 2Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 3Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 4Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 5Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 6Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 7Page - Diodes Incorporated ZXMN3F31DN8TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 - February 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZXMN3F31DN8
30V SO8 dual N-channel enhancement mode MOSFET
Summary
Description
This new generation Trench MOSFET from Zetex features low on-
resistance achievable with 4.5V gate drive.
Features
Low on-resistance
4.5V gate drive capability
Applications
DC-DC Converters
Power management functions
Load switching
Motor control
Back lighting
Ordering information
Device marking
ZXMN
3F31D
V(BR)DSS
RDS(on) (Ω)
ID (A)
30
0.024 @ VGS= 10V
7.3
0.039 @ VGS= 4.5V
5.7
DEVICE
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMN3F31DN8TA
7
12
500
D2
S2
G2
D1
S1
G1
D1
S1
G1
S2
G2
D1
D2
D2


Similar Part No. - ZXMN3F31DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3F31DN8TA ZETEX-ZXMN3F31DN8TA Datasheet
470Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results

Similar Description - ZXMN3F31DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3F31DN8 ZETEX-ZXMN3F31DN8 Datasheet
470Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
ZXMN3F318DN8 ZETEX-ZXMN3F318DN8 Datasheet
269Kb / 12P
   30V SO8 Asymmetrical dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP3F37DN8 DIODES-ZXMP3F37DN8 Datasheet
250Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
   30V SO8 Dual P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F318DN8 DIODES-ZXMN3F318DN8 Datasheet
250Kb / 12P
   30V SO8 Asymmetrical dual N-channel enhancement mode
logo
Zetex Semiconductors
ZXMC3F31DN8 ZETEX-ZXMC3F31DN8 Datasheet
351Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP3F37N8 ZETEX-ZXMP3F37N8 Datasheet
299Kb / 8P
   30V SO8 P-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com